Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72T128920EU-3S-B2 Datasheet(PDF) 4 Page - Qimonda AG

Part # HYS72T128920EU-3S-B2
Description  240-Pin unbuffered DDR2 SDRAM Modules
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T128920EU-3S-B2 Datasheet(HTML) 4 Page - Qimonda AG

  HYS72T128920EU-3S-B2 Datasheet HTML 1Page - Qimonda AG HYS72T128920EU-3S-B2 Datasheet HTML 2Page - Qimonda AG HYS72T128920EU-3S-B2 Datasheet HTML 3Page - Qimonda AG HYS72T128920EU-3S-B2 Datasheet HTML 4Page - Qimonda AG HYS72T128920EU-3S-B2 Datasheet HTML 5Page - Qimonda AG HYS72T128920EU-3S-B2 Datasheet HTML 6Page - Qimonda AG HYS72T128920EU-3S-B2 Datasheet HTML 7Page - Qimonda AG HYS72T128920EU-3S-B2 Datasheet HTML 8Page - Qimonda AG HYS72T128920EU-3S-B2 Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 95 page
background image
Internet Data Sheet
Rev. 1.0, 2006-10
4
10202006-L0SM-FEYT
HYS[64/72]T[32/64/128][0/9]xxEU-[25F/2.5/3/3S/3.7]-B2
Unbuffered DDR2 SDRAM Module
1.2
Description
The
Qimonda
HYS[64/72]T[32/64/128][0/9]xxEU-
[25F/2.5/3/3S/3.7]-B2 module family are unbuffered DIMM
modules “UDIMMs” with 30,0 mm height based on DDR2
technology. DIMMs are available as non-ECC modules in
32M
× 64 (256 MB),
64M
× 64 (512 MB)
and
128M
× 64 (1 GB) and ECC modules in 64M × 72 (512 MB),
128M
× 72 (1 GB) organization and density, intended for
mounting into 240-pin connector sockets.
The memory array is designed with 512-Mbit Double-Data-
Rate-Two
(DDR2)
Synchronous
DRAMs.
Decoupling
capacitors are mounted on the PCB board. The DIMMs
feature serial presence detect based on a serial E2PROM
device using the 2-pin I2C protocol. The first 128 bytes are
programmed with configuration data and are write protected;
the second 128 bytes are available to the customer.
TABLE 2
Ordering Information for RoHS Compliant Products
Product Type1)
Compliance Code2)
Description
SDRAM
Technology
PC2–6400
HYS64T32000EU–25F–B2
HYS64T32900EU–25F–B2
256MB 1R
×16 PC2–6400U–555–12–C1
1 Rank, Non-ECC
512 Mbit (
×16)
HYS64T64000EU–25F–B2
HYS64T64900EU–25F–B2
512 MB 1R
×8 PC2–6400U–555–12–D0
1 Rank, Non-ECC
512 Mbit (
×8)
HYS72T64000EU–25F–B2
HYS72T64900EU–25F–B2
512MB 1R
×8 PC2–6400E–555–12–F0
1 Rank, ECC
512 Mbit (
×8)
HYS64T128020EU–25F–B2
HYS64T128920EU–25F–B2
1GB 2R
×8 PC2–6400U–555–12–E0
2 Ranks, Non-ECC
512 Mbit (
×8)
HYS72T128020EU–25F–B2
HYS72T128920EU–25F–B2
1GB 2R
×8 PC2–6400E–555–12–G0
2 Ranks, ECC
512 Mbit (
×8)
PC2–6400
HYS64T32000EU–2.5–B2
HYS64T32900EU–2.5–B2
256MB 1R
×16 PC2–6400U–666–12–C1
1 Rank, Non-ECC
512 Mbit (
×16)
HYS64T64000EU–2.5–B2
HYS64T64900EU–2.5–B2
512 MB 1R
×8 PC2–6400U–666–12–D0
1 Rank, Non-ECC
512 Mbit (
×8)
HYS72T64000EU-2.5–B2
HYS72T64900EU-2.5–B2
512MB 1R
×8 PC2–6400E–666–12–F0
1 Rank, ECC
512 Mbit (
×8)
HYS64T128020EU–2.5–B2
HYS64T128920EU–2.5–B2
1GB 2R
×8 PC2–6400U–666–12–E0
2 Ranks, Non-ECC
512 Mbit (
×8)
HYS72T128020EU–2.5–B2
HYS72T128920EU–2.5–B2
1GB 2R
×8 PC2–6400E–666–12–G0
2 Ranks, ECC
512 Mbit (
×8)
PC2–5300
HYS64T32000EU–3–B2
HYS64T32900EU–3–B2
256MB 1R
×16 PC2-5300U–444–12–C1
1 Rank, Non-ECC
512 Mbit (
×16)
HYS64T64000EU–3–B2
HYS64T64900EU–3–B2
512MB 1R
×8 PC2–5300U–444–12–D0
1 Rank, Non-ECC
512 Mbit (
×8)
HYS72T64000EU–3–B2
HYS72T64900EU–3–B2
512MB 1R
×8 PC2–5300E–444–12–F0
1 Rank, ECC
512 Mbit (
×8)


Similar Part No. - HYS72T128920EU-3S-B2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72T128000GR INFINEON-HYS72T128000GR Datasheet
936Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T128000GR INFINEON-HYS72T128000GR Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T128000GR-3.7-A INFINEON-HYS72T128000GR-3.7-A Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T128000GR-37-A INFINEON-HYS72T128000GR-37-A Datasheet
936Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T128000GR-5-A INFINEON-HYS72T128000GR-5-A Datasheet
936Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
More results

Similar Description - HYS72T128920EU-3S-B2

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T256020HU QIMONDA-HYS64T256020HU Datasheet
3Mb / 61P
   240-Pin Unbuffered DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS64T32000GU INFINEON-HYS64T32000GU Datasheet
1Mb / 67P
   240-Pin Unbuffered DDR2 SDRAM Modules
Rev. 0.87, June 2004
logo
Qimonda AG
HYS64T256020EU-25F-B QIMONDA-HYS64T256020EU-25F-B Datasheet
3Mb / 60P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T16000HU QIMONDA-HYS64T16000HU Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS64T32000HU-25F-B QIMONDA-HYS64T32000HU-25F-B Datasheet
5Mb / 87P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T32000HU-3-A QIMONDA-HYS64T32000HU-3-A Datasheet
4Mb / 76P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com