Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4050_EM3-3.0 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # LM4050_EM3-3.0
Description  50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4050_EM3-3.0 Datasheet(HTML) 1 Page - Maxim Integrated Products

  LM4050_EM3-3.0 Datasheet HTML 1Page - Maxim Integrated Products LM4050_EM3-3.0 Datasheet HTML 2Page - Maxim Integrated Products LM4050_EM3-3.0 Datasheet HTML 3Page - Maxim Integrated Products LM4050_EM3-3.0 Datasheet HTML 4Page - Maxim Integrated Products LM4050_EM3-3.0 Datasheet HTML 5Page - Maxim Integrated Products LM4050_EM3-3.0 Datasheet HTML 6Page - Maxim Integrated Products LM4050_EM3-3.0 Datasheet HTML 7Page - Maxim Integrated Products LM4050_EM3-3.0 Datasheet HTML 8Page - Maxim Integrated Products LM4050_EM3-3.0 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The LM4050/LM4051 are precision two-terminal, shunt-
mode, bandgap voltage references available in fixed
reverse breakdown voltages of 1.225V, 2.048V, 2.500V,
3.000V, 3.3V, 4.096V, and 5.000V. Ideal for space-criti-
cal applications, the LM4050/LM4051 are offered in the
subminiature 3-pin SC70 surface-mount packages
(1.8mm x 1.8mm), 50% smaller than comparable
devices in SOT23 surface-mount package (SOT23 ver-
sions are also available).
Laser-trimmed resistors ensure excellent initial
accuracy. With a 50ppm/°C temperature coefficient,
these devices are offered in three grades of initial accu-
racy ranging from 0.1% to 0.5%. The LM4050/LM4051
have a 60µA to 15mA shunt-current capability with low
dynamic impedance, ensuring stable reverse break-
down voltage accuracy over a wide range of operating
temperatures and currents. The LM4050/LM4051 do
not require an external stabilizing capacitor while
ensuring stability with any capacitive loads.
The LM4050/LM4051 specifications are guaranteed
over the temperature range of -40°C to +125°C.
________________________Applications
Portable, Battery-Powered Equipment
Notebook Computers
Cell Phones
Industrial Process Controls
Features
♦ 50ppm/°C (max) Temperature Coefficient
Guaranteed over the -40°C to +125°C
Temperature Range
♦ Ultra-Small 3-Pin SC70 Package
♦ 0.1% (max) Initial Accuracy
♦ Wide Operating Current Range: 60µA to 15mA
♦ Low 28µVRMS Output Noise (10Hz to 10kHz)
♦ 1.225V, 2.048V, 2.500V, 3.000V, 3.3V, 4.096V, and
5.000V Fixed Reverse Breakdown Voltages
♦ No Output Capacitors Required
♦ Tolerates Capacitive Loads
50ppm/°C Precision Micropower Shunt Voltage
References with Multiple Reverse Breakdown Voltages
________________________________________________________________ Maxim Integrated Products
1
-
1
3
N.C.*
+
LM4050/
LM4051
SC70-3/SOT23-3
TOP VIEW
2
*PIN 3 MUST BE LEFT FLOATING
OR CONNECTED TO PIN 2.
PART
PIN-
PACKAGE
OUTPUT
VOLTAGE (V)
PACKAGE
CODE
LM4050_EM3-2.1
3 SOT 23-3
2.048
U3-1
LM4050_EX3-2.1
3 SC70-3
2.048
X3-2
LM4050_EM3-2.5
3 SOT 23-3
2.500
U3-1
LM4050_EX3-2.5
3 SC70-3
2.500
X3-2
LM4050_ EM3-3.0 3 SOT 23-3
3.000
U3-1
LM4050_EX3-3.0
3 SC70-3
3.000
X3-2
LM4050_EX3-3.3
3 SC70-3
3.300
X3-2
LM4050_EM3-4.1
3 SOT 23-3
4.096
U3-1
LM4050_EX3-4.1
3 SC70-3
4.096
X3-2
LM4050_EM3-5.0
3 SOT 23-3
5.000
U3-1
LM4050_EX3-5.0
3 SC70-3
5.000
X3-2
LM4051_EM3-1.2
3 SOT 23-3
1.225
U3-1
LM4051_EX3-1.2
3 SC70-3
1.225
X3-2
Pin Configuration
Typical Operating Circuit
Selector Guide
19-2563; Rev 3; 3/06
Note: All devices are specified over the -40°C to +125°C oper-
ating temperature range.
Ordering Information appears at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
LM4050/LM4051
ILOAD
ISHUNT
RS
VS
VR
ISHUNT + ILOAD


Similar Part No. - LM4050_EM3-3.0

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4050AEM3-3.0+T MAXIM-LM4050AEM3-3.0+T Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050BEM3-3.0+T MAXIM-LM4050BEM3-3.0+T Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050CEM3-3.0+T MAXIM-LM4050CEM3-3.0+T Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
More results

Similar Description - LM4050_EM3-3.0

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4050 MAXIM-LM4050_09 Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050 MAXIM-LM4050_11 Datasheet
495Kb / 14P
   50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
Rev 5; 5/11
LM4040 MAXIM-LM4040 Datasheet
415Kb / 15P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 7; 11/11
LM4040 MAXIM-LM4040_V01 Datasheet
1Mb / 17P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
MAX6138 MAXIM-MAX6138_19 Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138 MAXIM-MAX6138 Datasheet
331Kb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 2; 4/04
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com