Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72T128020EU-3.7-B2 Datasheet(PDF) 7 Page - Qimonda AG

Part # HYS72T128020EU-3.7-B2
Description  240-Pin unbuffered DDR2 SDRAM Modules
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T128020EU-3.7-B2 Datasheet(HTML) 7 Page - Qimonda AG

Back Button HYS72T128020EU-3.7-B2 Datasheet HTML 3Page - Qimonda AG HYS72T128020EU-3.7-B2 Datasheet HTML 4Page - Qimonda AG HYS72T128020EU-3.7-B2 Datasheet HTML 5Page - Qimonda AG HYS72T128020EU-3.7-B2 Datasheet HTML 6Page - Qimonda AG HYS72T128020EU-3.7-B2 Datasheet HTML 7Page - Qimonda AG HYS72T128020EU-3.7-B2 Datasheet HTML 8Page - Qimonda AG HYS72T128020EU-3.7-B2 Datasheet HTML 9Page - Qimonda AG HYS72T128020EU-3.7-B2 Datasheet HTML 10Page - Qimonda AG HYS72T128020EU-3.7-B2 Datasheet HTML 11Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
Internet Data Sheet
Rev. 1.0, 2006-10
7
10202006-L0SM-FEYT
HYS[64/72]T[32/64/128][0/9]xxEU-[25F/2.5/3/3S/3.7]-B2
Unbuffered DDR2 SDRAM Module
2
Pin Configuration
The pin configuration of the Unbuffered DDR2 SDRAM DIMM is listed by function in Table 5 (240 pins). The abbreviations used
in columns Pin and Buffer Type are explained in Table 6 and Table 7 respectively. The pin numbering is depicted in Figure 1
for non-ECC modules (
×64) and Figure 2 for ECC modules (×72).
TABLE 5
Pin Configuration of UDIMM
Ball No.
Name
Pin
Type
Buffer
Type
Function
Clock Signals
185
CK0
I
SSTL
Clock Signals 2:0, Complement Clock Signals 2:0
137
CK1
I
SSTL
220
CK2
I
SSTL
186
CK0
I
SSTL
138
CK1
I
SSTL
221
CK2
I
SSTL
52
CKE0
I
SSTL
Clock Enable Rank 1:0
Note: 2 Ranks module
171
CKE1
I
SSTL
NC
NC
Not Connected
Note: 1 Rank module
Control Signals
193
S0#
I
SSTL
Chip Select Rank 1:0
Note: 2 Ranks module
76
S1#
I
SSTL
NC
NC
Not Connected
Note: 1 Rank module
192
RAS
I
SSTL
Row Address Strobe
74
CAS
I
SSTL
Column Address Strobe
73
WE
I
SSTL
Write Enable
Address Signals
71
BA0
I
SSTL
Bank Address Bus 1:0
190
BA1
I
SSTL
54
BA2
I
SSTL
Bank Address Bus 2
Greater than 512Mb DDR2 SDRAMS
NC
NC
Not Connected
Less than 1Gb DDR2 SDRAMS


Similar Part No. - HYS72T128020EU-3.7-B2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72T128020GR INFINEON-HYS72T128020GR Datasheet
936Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T128020GR INFINEON-HYS72T128020GR Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T128020GR-3.7-A INFINEON-HYS72T128020GR-3.7-A Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T128020GR-37-A INFINEON-HYS72T128020GR-37-A Datasheet
936Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T128020GR-5-A INFINEON-HYS72T128020GR-5-A Datasheet
936Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
More results

Similar Description - HYS72T128020EU-3.7-B2

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T256020HU QIMONDA-HYS64T256020HU Datasheet
3Mb / 61P
   240-Pin Unbuffered DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS64T32000GU INFINEON-HYS64T32000GU Datasheet
1Mb / 67P
   240-Pin Unbuffered DDR2 SDRAM Modules
Rev. 0.87, June 2004
logo
Qimonda AG
HYS64T256020EU-25F-B QIMONDA-HYS64T256020EU-25F-B Datasheet
3Mb / 60P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T16000HU QIMONDA-HYS64T16000HU Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS64T32000HU-25F-B QIMONDA-HYS64T32000HU-25F-B Datasheet
5Mb / 87P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T32000HU-3-A QIMONDA-HYS64T32000HU-3-A Datasheet
4Mb / 76P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com