Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4948ETG Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4948ETG
Description  Hex SPDT Data Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4948ETG Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4948ETG Datasheet HTML 1Page - Maxim Integrated Products MAX4948ETG Datasheet HTML 2Page - Maxim Integrated Products MAX4948ETG Datasheet HTML 3Page - Maxim Integrated Products MAX4948ETG Datasheet HTML 4Page - Maxim Integrated Products MAX4948ETG Datasheet HTML 5Page - Maxim Integrated Products MAX4948ETG Datasheet HTML 6Page - Maxim Integrated Products MAX4948ETG Datasheet HTML 7Page - Maxim Integrated Products MAX4948ETG Datasheet HTML 8Page - Maxim Integrated Products MAX4948ETG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX4947/MAX4948 analog switches operate from a
single +1.8V to +5.5V supply. These switches feature a
low 30pF (typ) capacitance for high-speed data switch-
ing applications.
The MAX4947 is a triple double-pole/double-throw (DPDT)
switch, and the MAX4748 is a hex single-pole/double-
throw (SPDT) switch with one control logic input. The
MAX4947 has three logic inputs to control the switches in
pairs. The MAX4948 has one logic input and an enable
input (
EN) to disable the switches.
The MAX4947/MAX4948 are available in small 24-pin
(4mm x 4mm) TQFN and 25-bump (2.5mm x 2.5mm)
chip-scale packages (UCSP™).
Applications
Features
♦ Multiplex SDIO or Memory Stick Interfaces
♦ 1.8V to 5.5V Supply Voltage Range
♦ Low On-Resistance 4Ω (typ)
♦ Low-Capacitance Switches, 30pF (typ)
♦ Rail-to-Rail Signal Handling
♦ Small 25-Bump UCSP™ (2.5mm x 2.5mm) and
24-TQFN (4mm x 4mm)
Hex SPDT Data Switch
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
MAX4947
S6
S5
COM6
COM5
S4
S3
COM4
COM3
S2
S1
VCC
COM2
COM1
GND
NO1
NC1
NO2
NC2
NO3
NC3
NO4
NC4
NO5
NC5
NO6
NC6
CB12
CB34
CB56
MAX4948
S6
S5
COM6
COM5
S4
S3
COM4
COM3
S2
S1
VCC
COM2
COM1
GND
NO1
NC1
NO2
NC2
NO3
NC3
NO4
NC4
NO5
NC5
NO6
NC6
CB
EN
Functional Diagram
19-0673; Rev 1; 1/07
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*
Future product—contact factory for availability.
+
Denotes lead-free package.
EP = Exposed paddle.
EVALUATION
KIT
AVAILABLE
PART
TEMP
RANGE
PIN-
PACKAGE
PKG
CODE
MAX4947EBA+*
-40°C to +85°C
25 UCSP-25
B25-1
MAX4947ETG+
-40°C to +85°C
24 TQFN-EP
T2444-4
MAX4948EBA+*
-40°C to +85°C
25 UCSP-25
B25-1
MAX4948ETG+
-40°C to +85°C
24 TQFN-EP
T2444-4
USB Signal Switching
UART Signal Switching
SDIO/Memory Stick
Cell Phones
PDAs
Typical Operating Circuit appears at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX4948ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4948EVKIT MAXIM-MAX4948EVKIT Datasheet
171Kb / 10P
   Powered by Host Interface
Rev 0; 10/07
MAX4948EVKIT++ MAXIM-MAX4948EVKIT+ Datasheet
171Kb / 10P
   Powered by Host Interface
Rev 0; 10/07
More results

Similar Description - MAX4948ETG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
   SPDT Switch
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
   SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
   SPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
   SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18XL MINI-MSP2T-18XL Datasheet
533Kb / 4P
   SPDT Switch
MSP2T-26XL MINI-MSP2T-26XL Datasheet
537Kb / 4P
   SPDT Switch
logo
Sanyo Semicon Device
SPM3252 SANYO-SPM3252 Datasheet
18Kb / 3P
   SPDT Switch
logo
ON Semiconductor
NLAS9041 ONSEMI-NLAS9041 Datasheet
171Kb / 9P
   SPDT, Switch
April, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com