Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57867 Datasheet(PDF) 9 Page - EPCOS

Part # B57867
Description  NTC thermistors for temperature measurement
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57867 Datasheet(HTML) 9 Page - EPCOS

Back Button B57867 Datasheet HTML 5Page - EPCOS B57867 Datasheet HTML 6Page - EPCOS B57867 Datasheet HTML 7Page - EPCOS B57867 Datasheet HTML 8Page - EPCOS B57867 Datasheet HTML 9Page - EPCOS B57867 Datasheet HTML 10Page - EPCOS B57867 Datasheet HTML 11Page - EPCOS B57867 Datasheet HTML 12Page - EPCOS B57867 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
B57867S0302H140
R/T No.
8016
T (
°C)
B25/100 = 3988 K, R25 = 3000
Ω, T
R = 25
°C, ∆R
R/RR =
± 3%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
40.0
100950
94107
107790
6.8
1.0
6.7
35.0
72777
68105
77449
6.4
1.0
6.4
30.0
53100
49874
56326
6.1
1.0
6.2
25.0
39111
36864
41358
5.7
1.0
6.0
20.0
29121
27540
30702
5.4
0.9
5.8
15.0
21879
20758
22999
5.1
0.9
5.6
10.0
16599
15797
17401
4.8
0.9
5.4
5.0
12695
12117
13272
4.5
0.9
5.3
0.0
9795
9376
10214
4.3
0.8
5.1
5.0
7616
7311
7922
4.0
0.8
5.0
10.0
5970
5746
6194
3.8
0.8
4.8
15.0
4712
4547
4878
3.5
0.8
4.7
20.0
3747
3624
3870
3.3
0.7
4.5
25.0
3000
2910
3090
3.0
0.7
4.4
30.0
2417
2338
2496
3.3
0.8
4.3
35.0
1959
1891
2028
3.5
0.8
4.1
40.0
1598
1539
1657
3.7
0.9
4.0
45.0
1311
1260
1362
3.9
1.0
3.9
50.0
1081
1037
1125
4.1
1.1
3.8
55.0
895.9
857.6
934.1
4.3
1.2
3.7
60.0
746.4
713.1
779.7
4.5
1.2
3.6
65.0
624.9
596.0
653.9
4.6
1.3
3.5
70.0
525.6
500.3
550.9
4.8
1.4
3.4
75.0
444.4
422.3
466.5
5.0
1.5
3.3
80.0
377.4
358.0
396.8
5.1
1.6
3.2
85.0
321.7
304.7
338.7
5.3
1.7
3.2
90.0
275.3
260.3
290.3
5.4
1.8
3.1
95.0
236.6
223.3
249.8
5.6
1.9
3.0
100.0
204.0
192.3
215.7
5.7
2.0
2.9
105.0
176.6
166.2
187.0
5.9
2.1
2.9
110.0
153.4
144.1
162.6
6.0
2.2
2.8
115.0
133.6
125.4
141.8
6.2
2.3
2.7
120.0
116.8
109.5
124.1
6.3
2.4
2.7
125.0
102.5
95.94
109.1
6.4
2.5
2.6
130.0
90.27
84.37
96.17
6.5
2.6
2.5
135.0
79.63
74.33
84.93
6.7
2.7
2.5
140.0
70.44
65.67
75.21
6.8
2.8
2.4
145.0
62.50
58.19
66.80
6.9
2.9
2.4
150.0
55.59
51.70
59.48
7.0
3.0
2.3
155.0
49.60
46.08
53.13
7.1
3.1
2.3
Temperature measurement
B57867
Miniature sensors with bendable wires
S867
Page 9 of 32
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57867

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57867S EPCOS-B57867S Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57867S EPCOS-B57867S Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57867S0103+140 EPCOS-B57867S0103+140 Datasheet
61Kb / 3P
   Heating and air conditioning systems
B57867S0103140 EPCOS-B57867S0103140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57867S0103140 TDK-B57867S0103140 Datasheet
449Kb / 20P
   NTC thermistors for temperature measurement
More results

Similar Description - B57867

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com