Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS57C0004 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # KS57C0004
Description  4-BIT CMOS Microcontroller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS57C0004 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button KS57C0004 Datasheet HTML 5Page - Samsung semiconductor KS57C0004 Datasheet HTML 6Page - Samsung semiconductor KS57C0004 Datasheet HTML 7Page - Samsung semiconductor KS57C0004 Datasheet HTML 8Page - Samsung semiconductor KS57C0004 Datasheet HTML 9Page - Samsung semiconductor KS57C0004 Datasheet HTML 10Page - Samsung semiconductor KS57C0004 Datasheet HTML 11Page - Samsung semiconductor KS57C0004 Datasheet HTML 12Page - Samsung semiconductor KS57C0004 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
PRODUCT SPECIFICATION
KS57C0002 /0004 MICROCONTROLLER
G
ELECTRONICS
SMSU N G
SMSU N
2–9
September 1996
Table 3. I/O Map for Memory Bank 15
Memory Bank 15
Addressing Mode
Address
Register
Name
R/W
1-Bit
4-Bit
8-Bit
F81H–F80H
SP
Stack Pointer
R/W
No
No
Yes
F85H
BMOD
Basic Timer Mode Register
W
.3
Yes
No
F87H–F86H
BCNT
Basic Timer Counter Register
R
No
No
Yes
F89H–F88H
WMOD
Watch Timer Mode Register
W
No
No
Yes
F91H–F90H
TMOD0
Timer/Counter 0 Mode Register
W
.3
No
Yes
F95H–F94H
TCNT0
Timer/Counter 0 Counter Register
R
No
No
Yes
F97H–F96H
TREF0
Timer/Counter 0 Reference Reg
W
No
No
Yes
FB0H
PSW
IS1
IS0
EMB
ERB
R/W
Yes
Yes
Yes
FB1H
C (2)
SC2
SC1
SC0
R
No
No
FB2H
IPR
SIO Mode Register
W
IME
Yes
No
FB3H
PCON
Power Control Register
W
No
Yes
No
FB4H
IMOD0
External Interrupt 0 Mode Register
W
No
Yes
No
FB5H
IMOD1
External Interrupt 1 Mode Register
W
No
Yes
No
FB6H
IMODK
External Key Interrupt Mode Reg
W
No
Yes
No
FB8H
"0"
"0"
IEB
IRQB
R/W
Yes
Yes
No
FBAH
"0"
"0"
IEW
IRQW
R/W
Yes
Yes
No
FBCH
"0"
"0"
IET0
IRQT0
R/W
Yes
Yes
No
FBDH
"0"
"0"
IES
IRQS
FBEH
IE1
IRQ1
IE0
IRQ0
FBFH
"0"
"0"
IEK
IRQK
FC0H
BSC0
Bit Sequential Carrier 0
R/W
Yes
Yes
Yes
FC1H
BSC1
Bit Sequential Carrier 1
FC2H
BSC2
Bit Sequential Carrier 2
FC3H
BSC3
Bit Sequential Carrier 3
FD0H
CLMOD
Clock Mode Register
W
No
Yes
No
FD4H
CMPREG
Comparison Result Register
R
No
Yes
No
FD7H–FD6H
CMOD
Comparator Mode Register
R/W
No
No
Yes
FDDH–FDCH
PUMOD
Pull-up Mode Register
W
No
No
Yes
FE1H–FE0H
SMOD
SIO Mode Register
W
.3
No
Yes
FE2H
P2MOD
Port 2 Mode Register
W
No
Yes
No
FE5H–FE4H
SBUF
SIO Buffer Register
R/W
No
No
Yes
FE9H–FE8H
PMG1
Port Mode Group 1
W
No
No
Yes
FEBH–FEAH
PMG2
Port Mode Group 2


Similar Part No. - KS57C0004

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C01502 SAMSUNG-KS57C01502 Datasheet
308Kb / 36P
   The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
KS57C01504 SAMSUNG-KS57C01504 Datasheet
308Kb / 36P
   The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
KS57C0301 SAMSUNG-KS57C0301 Datasheet
182Kb / 28P
   The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
KS57C0302 SAMSUNG-KS57C0302 Datasheet
182Kb / 28P
   The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
More results

Similar Description - KS57C0004

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP42C40 TOSHIBA-TMP42C40 Datasheet
945Kb / 23P
   CMOS 4-BIT MICROCONTROLLER
TMP42C50N TOSHIBA-TMP42C50N Datasheet
259Kb / 13P
   CMOS 4-BIT MICROCONTROLLER
TMP47C1237 TOSHIBA-TMP47C1237 Datasheet
275Kb / 10P
   CMOS 4-BIT MICROCONTROLLER
TMP47C1238 TOSHIBA-TMP47C1238 Datasheet
941Kb / 30P
   CMOS 4-BIT MICROCONTROLLER
TMP47C200AN TOSHIBA-TMP47C200AN Datasheet
107Kb / 4P
   CMOS 4-BIT MICROCONTROLLER
TMP47C210AN TOSHIBA-TMP47C210AN Datasheet
279Kb / 12P
   CMOS 4-BIT MICROCONTROLLER
TMP47C220AF TOSHIBA-TMP47C220AF Datasheet
76Kb / 4P
   CMOS 4-BIT MICROCONTROLLER
TMP47C232AN TOSHIBA-TMP47C232AN Datasheet
106Kb / 4P
   CMOS 4-BIT MICROCONTROLLER
TMP47C26N TOSHIBA-TMP47C26N Datasheet
104Kb / 4P
   CMOS 4-BIT MICROCONTROLLER
TMP47C452AN TOSHIBA-TMP47C452AN Datasheet
473Kb / 20P
   CMOS 4-BIT MICROCONTROLLER
TMP47C620 TOSHIBA-TMP47C620 Datasheet
595Kb / 24P
   CMOS 4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com