Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25H020FJ-W Datasheet(PDF) 6 Page - Rohm

Part # BR25H020FJ-W
Description  HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40째C ~ 125째C type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H020FJ-W Datasheet(HTML) 6 Page - Rohm

Back Button BR25H020FJ-W Datasheet HTML 2Page - Rohm BR25H020FJ-W Datasheet HTML 3Page - Rohm BR25H020FJ-W Datasheet HTML 4Page - Rohm BR25H020FJ-W Datasheet HTML 5Page - Rohm BR25H020FJ-W Datasheet HTML 6Page - Rohm BR25H020FJ-W Datasheet HTML 7Page - Rohm BR25H020FJ-W Datasheet HTML 8Page - Rohm BR25H020FJ-W Datasheet HTML 9Page - Rohm BR25H020FJ-W Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/16
Features
Status registers
This IC has status registers. The status registers are of 8 bits and express the following parameters.
BP0 and BP1 can be set by write status register command. These 2 bits are memorized into the EEPROM, therefore are
valid even when power source is turned off.
Rewrite characteristics and data hold time are same as characteristics of the EEPROM.
WEN can be set by write enable command and write disable command. WEN becomes write disable status when power
source is turned off. R/B is for write confirmation, therefore cannot be set externally.
The value of status register can be read by read status command.
Status registers
Product number
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
BR25H010-W
BR25H020-W
BR25H040-W
1
1
1
1
BP1
BP0
WEN
R/B
BR25H080-W
BR25H160-W
BR25H320-W
WPEN
0
0
0
BP1
BP0
WEN
R/B
bit
Memory
location
Function
Contents
WPEN EEPROM
WPB pin enable / disable designation bit
WPEN=0=invalid
WPEN=1=valid
This enables / disables the functions
of WPB pin.
BP1
BP0
EEPROM
EEPROM write disable block designation bit
This designates the write disable area
of EEPROM. Write designation areas
of product numbers are shown below.
WEN
Register
Write and write status register write enable / disable status confirmation bit
WEN=0=prohibited
WEN=1=permitted
R/B
Register
Write cycle status (READY / BUSY) status confirmation bit
R/B=0=READY
R/B=1=BUSY
Write disable block setting
Write disable block
BP1
BP0
BR25H010-W
BR25H020-W
BR25H040-W
BR25H080-W
BR25H160-W
BR25H320-W
0
0
None
None
None
None
None
None
0
1
60h-7Fh
C0h-FFh
180h-1FFh
300h-3FFh
600h-7FFh
C00h-FFFh
1
0
40h-7Fh
80h-FFh
100h-1FFh
200h-3FFh
400h-7FFh
800h-FFFh
1
1
00h-7Fh
00h-FFh
000h-1FFh
000h-3FFh
000h-7FFh
000h-FFFh
WPB pin
By setting WPB=LOW, write command is prohibited. As for BR25H080, 160, 320-W, only when WPEN bit is set “1”, the WPB
pin functions become valid. And the write command to be disabled at this moment is WRSR. As for BR25H010, 020,040-W,
both WRITE and WRSR commands are prohibited.
However, when write cycle is in execution, no interruption can be made.
Product number
WRSR
WRITE
BR25H010-W
BR25H020-W
BR25H040-W
Prohibition
possible
Prohibition
possible
BR25H080-W
BR25H160-W
BR25H320-W
Prohibition possible
but WPEN bit “1”
Prohibition
impossible
HOLDB pin
By HOLDB pin, data transfer can be interrupted. When SCK=”1”, by making HOLDB from “1” into”0”, data transfer to
EEPROM is interrupted. When SCK = “0”, by making HOLDB from “0” into “1”, data transfer is restarted.


Similar Part No. - BR25H020FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H020FJ-WE2 ROHM-BR25H020FJ-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
More results

Similar Description - BR25H020FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR93CXX-XWXX7TP ROHM-BR93CXX-XWXX7TP Datasheet
235Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~105C type
BR93CXX-XWXX6TP ROHM-BR93CXX-XWXX6TP Datasheet
318Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR95XX0-WXX6TP ROHM-BR95XX0-WXX6TP Datasheet
321Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR24CXX-WXX6TP ROHM-BR24CXX-WXX6TP Datasheet
320Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com