Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25H080FJ-W Datasheet(PDF) 11 Page - Rohm

Part # BR25H080FJ-W
Description  HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40째C ~ 125째C type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H080FJ-W Datasheet(HTML) 11 Page - Rohm

Back Button BR25H080FJ-W Datasheet HTML 7Page - Rohm BR25H080FJ-W Datasheet HTML 8Page - Rohm BR25H080FJ-W Datasheet HTML 9Page - Rohm BR25H080FJ-W Datasheet HTML 10Page - Rohm BR25H080FJ-W Datasheet HTML 11Page - Rohm BR25H080FJ-W Datasheet HTML 12Page - Rohm BR25H080FJ-W Datasheet HTML 13Page - Rohm BR25H080FJ-W Datasheet HTML 14Page - Rohm BR25H080FJ-W Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/16
Method to cancel each command
READ
Method to cancel : cancel by CSB = “H”
RDSR
Method to cancel : cancel by CSB = “H”
WRITE、PAGE WRITE
a:Ope code, address input area.
Cancellation is available by CSB=”H”
b:Data input area (D7~D1 input area)
Cancellation is available by CSB=”H”
c:Data input area (D0 area)
When CSB is started, write starts.
After CSB rise, cancellation cannot be made by any means.
d:tE/W area.
Cancellation is available by CSB = “H”. However, when
write starts (CSB is started) in the area c, cancellation
cannot be made by any means. And by inputting on
SCK clock, cancellation cannot be made. In page write
mode, there is write enable area at every 8 clocks.
Note 1) If Vcc is made OFF during write execution, designated address data is not guaranteed, therefore
write it once again.
Note 2) If CSB is started at the same timing as that of the SCK rise, write execution / cancel becomes unstable,
therefore, it is recommended to fall in SCK = “L” area. As for SCK rise, assure timing of tCSS / tCSH or higher.
WRSR
a:From ope code to 15 rise.
Cancel by CSB =”H”.
b:From 15 clock rise to 16 clock rise (write enable area).
When CSB is started, write starts.
After CSB rise, cancellation cannot be made by any means.
c:After 16 clock rise.
Cancel by CSB=”H”. However, when write starts (CSB is started)
in the area b, cancellation cannot be made by any means.
And, by inputting on SCK clock, cancellation cannot be made.
Note 1) If Vcc is made OFF during write execution, designated address data is not guaranteed, therefore write it once
again
Note 2) If CSB is started at the same timing as that of the SCK rise, write execution / cancel becomes unstable,
therefore, it is recommended to fall in SCK = “L” area. As for SCK rise, assure timing of tCSS / tCSH or higher.
WREN/WRDI
a:From ope code to 7-th clock rise, cancel by CSB = “H”.
b:Cancellation is not available when CSB is started after 7-th clock.
Ope code
Address
Cancel available in all areas of read mode
Data
8 bit
8 bit/16bit
8 bit
Fig.46 READ cancel valid timing
Ope code
Cancel available in all
areas of read mode
Data
8 bit
8 bit
Fig.47 RDSR cancel valid timing
Ope code
Address
a
Data
tE/W
b
d
c
8bit
8bit/16bit
8bit
D7
b
D6
D5
D4
D3
D2
D1
D0
SCK
SI
c
Ope code
Data
tE/W
8 bit
14
15
16
17
D1
D0
a
b
c
8 bit
a
b
c
Ope code
8 bit
7
8
9
a
b
a
b
SCK
Fig.49 WRSR cancel valid timing
Fig.50 WREN/WRDI cancel valid timing
Fig.48 WRITE cancel valid timing


Similar Part No. - BR25H080FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H080FJ-WE2 ROHM-BR25H080FJ-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
More results

Similar Description - BR25H080FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR93CXX-XWXX7TP ROHM-BR93CXX-XWXX7TP Datasheet
235Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~105C type
BR93CXX-XWXX6TP ROHM-BR93CXX-XWXX6TP Datasheet
318Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR95XX0-WXX6TP ROHM-BR95XX0-WXX6TP Datasheet
321Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR24CXX-WXX6TP ROHM-BR24CXX-WXX6TP Datasheet
320Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com