Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25H080FJ-W Datasheet(PDF) 9 Page - Rohm

Part # BR25H080FJ-W
Description  HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40째C ~ 125째C type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H080FJ-W Datasheet(HTML) 9 Page - Rohm

Back Button BR25H080FJ-W Datasheet HTML 5Page - Rohm BR25H080FJ-W Datasheet HTML 6Page - Rohm BR25H080FJ-W Datasheet HTML 7Page - Rohm BR25H080FJ-W Datasheet HTML 8Page - Rohm BR25H080FJ-W Datasheet HTML 9Page - Rohm BR25H080FJ-W Datasheet HTML 10Page - Rohm BR25H080FJ-W Datasheet HTML 11Page - Rohm BR25H080FJ-W Datasheet HTML 12Page - Rohm BR25H080FJ-W Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/16
4. Status register write / read command
Write status register command can write status register data. The data can be written by this command are 2 bits
ж1, that is,
BP1 (bit3) and BP0 (bit2) among 8 bits of status register. By BP1 and BP0, write disable block of EEPROM can be set. As for
this command, set CSB LOW, and input ope code of write status register, and input data. Then, by making CSB HIGH,
EEPROM starts writing. Write time requires time of tE/W as same as write. As for CSB rise, start CSB after taking the last
data bit (bit0), and before the next SCK clock starts. At other timing, command is cancelled. Write disable block is determined
by BP1 and BP0, and the block can be selected from 1/4 of memory array, 1/2, and entire memory array. (Refer to the write
disable block setting table.) To the write disabled block, write cannot be made, and only read can be made.
*1 3bits including BR25H080/160/320-W WPEN (bit7)
CSB
SCK
High-Z
ж=Don't care
0
0
0
0
ж
1
ж
0
1
2
4
0
SI
SO
0
3
7
8
5
6
ж
9
10
11
12
13
14
15
ж
ж
BP1 BP0
ж
ж
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
CSB
SCK
High-Z
ж=Don't care
0
0
0
0
1
WPEN
0
1
2
4
0
SI
SO
0
3
7
8
5
6
*
9
10
11
12
13
14
15
*
*
BP1 BP0
*
*
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
0
Fig.39 Status register write command (BR25H010/020/040-W)
Fig.40 Status register write command (BR25H080/160/320-W)
High-Z
bit7
bit6
bit5
bit4
1
1
BP0
1
BP1
bit3
bit2
bit1
bit0
13
CSB
SCK
SI
1
1
10
6
0
SO
14
1
2
WEN
R/B
11
15
3
7
9
0
5
12
0
0
0
0
ж
4
8
1
ж=Don’t care
High-Z
bit7
bit6
bit5
bit4
0
0
BP0
0
BP1
bit3
bit2
bit1
bit0
13
CSB
SCK
SI
1
1
10
6
0
SO
14
1
2
WEN
R/B
11
15
3
7
9
0
5
12
0
0
0
0
0
4
8
WPEN
Fig.41 Status register read command (BR25H010/020/040-W)
Fig.42 Status register read command (BR25H080/160/320-W)


Similar Part No. - BR25H080FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H080FJ-WE2 ROHM-BR25H080FJ-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
More results

Similar Description - BR25H080FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR93CXX-XWXX7TP ROHM-BR93CXX-XWXX7TP Datasheet
235Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~105C type
BR93CXX-XWXX6TP ROHM-BR93CXX-XWXX6TP Datasheet
318Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR95XX0-WXX6TP ROHM-BR95XX0-WXX6TP Datasheet
321Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR24CXX-WXX6TP ROHM-BR24CXX-WXX6TP Datasheet
320Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com