Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25H160FJ-W Datasheet(PDF) 1 Page - Rohm

Part # BR25H160FJ-W
Description  HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40째C ~ 125째C type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H160FJ-W Datasheet(HTML) 1 Page - Rohm

  BR25H160FJ-W Datasheet HTML 1Page - Rohm BR25H160FJ-W Datasheet HTML 2Page - Rohm BR25H160FJ-W Datasheet HTML 3Page - Rohm BR25H160FJ-W Datasheet HTML 4Page - Rohm BR25H160FJ-W Datasheet HTML 5Page - Rohm BR25H160FJ-W Datasheet HTML 6Page - Rohm BR25H160FJ-W Datasheet HTML 7Page - Rohm BR25H160FJ-W Datasheet HTML 8Page - Rohm BR25H160FJ-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TECHNICAL NOTE
HIGH GRADE Specification HIGH RELIABILITY series
SPI BUS Serial EEPROMs
Supply voltage 2.5V~5.5V
Operating temperature -40°C ~ +125°C type
BR25H010-W, BR25H020-W, BR25H040-W, BR25H080-W, BR25H160-W, BR25H320-W
: Under development
Description
BR25H
□□□-W series is a serial EEPROM of SPI BUS interface method.
Features
● High speed clock action up to 5MHz (Max.)
● Wait function by HOLDB terminal.
● Part or whole of memory arrays settable as read only memory area by program.
● 2.5~5.5V single power source action most suitable for battery use.
● Page write mode useful for initial value write at factory shipment.
● Highly reliable connection by Au pad and Au wire.
● For SPI bus interface (CPOL, CPHA)=(0, 0), (1, 1)
● Auto erase and auto end function at data rewrite.
● Low current consumption
At write action (5V)
: 1.5mA (Typ.)
At read action (5V)
: 1.0mA (Typ.)
At standby action (5V) : 0.1μA (Typ.)
● Address auto increment function at read action
● Write mistake prevention function
Write prohibition at power on.
Write prohibition by command code (WRDI).
Write prohibition by WPB pin.
Write prohibition block setting by status registers (BP1, BP0)
Write mistake prevention function at low voltage.
● SOP8, SOP-J8 Package
● Data at shipment Memory array: FFh, status register WPEN, BP1, BP0 : 0
● Data kept for 40 years.
● Data rewrite up to 1,000,000times.
BR25H series
Capacity
Bit format
Type
Power source
voltage
SOP8
SOP-J8
1Kbit
128×8
BR25H010-W
2.5~5.5V
2Kbit
256×8
BR25H020-W
2.5~5.5V
4Kbit
512×8
BR25H040-W
2.5~5.5V
8Kbit
1K×8
BR25H080-W
2.5~5.5V
16Kbit
2K×8
BR25H160-W
2.5~5.5V
32Kbit
4Kx8
BR25H320-W
2.5~5.5V
Ver A. Aug. 2007
Page write
Number of
pages
16 Byte
32 Byte
Product
number
BR25H010-W
BR25H020-W
BR25H040-W
BR25H080-W
BR25H160-W
BR25H320-W


Similar Part No. - BR25H160FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H160FJ-WE2 ROHM-BR25H160FJ-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
More results

Similar Description - BR25H160FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR93CXX-XWXX7TP ROHM-BR93CXX-XWXX7TP Datasheet
235Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~105C type
BR93CXX-XWXX6TP ROHM-BR93CXX-XWXX6TP Datasheet
318Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR95XX0-WXX6TP ROHM-BR95XX0-WXX6TP Datasheet
321Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR24CXX-WXX6TP ROHM-BR24CXX-WXX6TP Datasheet
320Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com