Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C50X Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16C50X
Description  EPROM Memory Programming Specification
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C50X Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16C50X Datasheet HTML 3Page - Microchip Technology PIC16C50X Datasheet HTML 4Page - Microchip Technology PIC16C50X Datasheet HTML 5Page - Microchip Technology PIC16C50X Datasheet HTML 6Page - Microchip Technology PIC16C50X Datasheet HTML 7Page - Microchip Technology PIC16C50X Datasheet HTML 8Page - Microchip Technology PIC16C50X Datasheet HTML 9Page - Microchip Technology PIC16C50X Datasheet HTML 10Page - Microchip Technology PIC16C50X Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 2001 Microchip Technology Inc.
DS30603B-page 7
PIC16C50X
3.0
CONFIGURATION WORD
The PIC16C50X family members have several config-
uration bits. These bits can be programmed (reads ’0’),
or left unprogrammed (reads ’1’), to select various
device configurations. Figure 3-1 provides an overview
of configuration bits.
FIGURE 3-1:
CONFIGURATION WORD BIT MAP
Bit Number:
11
10
9
8
7
6
54
3
2
FOSC2
1
FOSC1
0
FOSC0
WDTE
bit 11-6, 4: CP: Code Protection bits(1) (2)
bit 5:
MCLRE: RB3/MCLR Pin Function Select bit
1
= RB3/MCLR pin function is MCLR
0
= RB3/MCLR pin function is digital I/O, MCLR internally tied to VDD
bit 3:
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 2-0:
FOSC2:FOSC0: Oscillator Selection bits
111
= External RC oscillator/CLKOUT function on RB4/OSC2/CLKOUT pin
110
= External RC oscillator/RB4 function on RB4/OSC2/CLKOUT pin
101
= Internal RC oscillator/CLKOUT function on RB4/OSC2/CLKOUT pin
100
= Internal RC oscillator/RB4 function on RB4/OSC2/CLKOUT pin
011
= Invalid selection
010
= HS oscillator
001
= XT oscillator
000
= LP oscillator
Note 1: All of the CP pins have to be given the same value to enable the code protection scheme listed.
2: 03FFh is always uncode protected on the PIC16C505. This location contains the MOVLW xx
calibration instruction for the INTRC.
MCLRE
CP CP
CP
CP
CP
CP
CP
Register:
CONFIG
Address
0FFFh


Similar Part No. - PIC16C50X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C505 MICROCHIP-PIC16C505 Datasheet
602Kb / 80P
   14-Pin, 8-Bit CMOS Microcontroller
1998
PIC16C505-04/JW MICROCHIP-PIC16C505-04/JW Datasheet
602Kb / 80P
   14-Pin, 8-Bit CMOS Microcontroller
1998
PIC16C505-04/P MICROCHIP-PIC16C505-04/P Datasheet
602Kb / 80P
   14-Pin, 8-Bit CMOS Microcontroller
1998
PIC16C505-04/SL MICROCHIP-PIC16C505-04/SL Datasheet
602Kb / 80P
   14-Pin, 8-Bit CMOS Microcontroller
1998
PIC16C505-04E/JW MICROCHIP-PIC16C505-04E/JW Datasheet
602Kb / 80P
   14-Pin, 8-Bit CMOS Microcontroller
1998
More results

Similar Description - PIC16C50X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC17CXX MICROCHIP-PIC17CXX Datasheet
137Kb / 16P
   EPROM Memory Programming Specification
1996
logo
Hynix Semiconductor
GMS77C1000 HYNIX-GMS77C1000 Datasheet
271Kb / 11P
   EPROM Programming/Verfify Specification
logo
Microchip Technology
HCSXXX MICROCHIP-HCSXXX Datasheet
395Kb / 28P
   Memory Programming Specification
2004
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
   EEPROM Memory Programming Specification
1996
PIC16F87X MICROCHIP-PIC16F87X_02 Datasheet
199Kb / 22P
   EEPROM Memory Programming Specification
2002
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
   Flash Memory Programming Specification
11/29/11 2012
PIC18F2XK20 MICROCHIP-PIC18F2XK20 Datasheet
544Kb / 42P
   Flash Memory Programming Specification
03/26/09 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com