Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40193 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40193
Description  4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40193 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40193 Datasheet HTML 7Page - Texas Instruments TPS40193 Datasheet HTML 8Page - Texas Instruments TPS40193 Datasheet HTML 9Page - Texas Instruments TPS40193 Datasheet HTML 10Page - Texas Instruments TPS40193 Datasheet HTML 11Page - Texas Instruments TPS40193 Datasheet HTML 12Page - Texas Instruments TPS40193 Datasheet HTML 13Page - Texas Instruments TPS40193 Datasheet HTML 14Page - Texas Instruments TPS40193 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
www.ti.com
APPLICATION INFORMATION
Introduction
Voltage Reference
Oscillator
UVLO
TPS40192, TPS40193
SLUS719B – MARCH 2007 – REVISED SEPTEMBER 2007
The TPS40192 and TPS40193 are cost optimized controllers providing all the necessary features to construct a
high performance DC/DC converter while keeping costs to a minimum. Support for pre-biased outputs eliminates
concerns about damaging sensitive loads during startup. Strong gate drivers for the high side and rectifier
N-channel MOSFETs decrease switching losses for increased efficiency. Adaptive gate drive timing prevents
shoot through and minimizes body diode conduction in the rectifier MOSFET, also increasing efficiency.
Selectable short circuit protection thresholds and hiccup recovery from a short circuit increase design flexibility
and minimize power dissipation in the event of a prolonged output fault. A dedicated enable pin (ENABLE) allows
the converter to be placed in a very low quiescent current shutdown mode. Internally fixed switching frequency
and soft-start time reduce external component count, simplifying design and layout, as well as reducing footprint
and cost. The 3 mm
× 3 mm package size also contributes to a reduced overall converter footprint.
The band gap cell is designed with a trimmed 591 mV output. The 0.5% tolerance on the reference voltage
allows the user to design a very accurate power-supply.
The TPS40192 has a fixed internal switching frequency of 600 kHz while the TPS40193 operates at 300 kHz.
When the input voltage is below the UVLO threshold, the device holds all gate drive outputs in the low (OFF)
state. When the input rises above the UVLO threshold, and the ENABLE pin is above the turn ON threshold, the
oscillator begins to operate and the start-up sequence is allowed to begin. The UVLO level is internally fixed at
4.2 V.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS40192 TPS40193


Similar Part No. - TPS40193

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40193 TI-TPS40193 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40193 TI1-TPS40193 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40193 TI1-TPS40193 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40193DRCR TI-TPS40193DRCR Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40193DRCR TI1-TPS40193DRCR Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
More results

Similar Description - TPS40193

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS40192 TI-TPS40192 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI1-TPS40170_11 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
MARCH2011
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40170 TI-TPS40170_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS40170 4.5 V to 60 V Wide Input Synchronous PWM Buck Controller
TPS40170-Q1 TI-TPS40170-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS40170-Q1 4.5-V to 60-V, Wide-Input, Synchronous PWM Buck Controller
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com