Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC176A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC176A
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC176A Datasheet(HTML) 2 Page - Texas Instruments

  SN75LBC176A Datasheet HTML 1Page - Texas Instruments SN75LBC176A Datasheet HTML 2Page - Texas Instruments SN75LBC176A Datasheet HTML 3Page - Texas Instruments SN75LBC176A Datasheet HTML 4Page - Texas Instruments SN75LBC176A Datasheet HTML 5Page - Texas Instruments SN75LBC176A Datasheet HTML 6Page - Texas Instruments SN75LBC176A Datasheet HTML 7Page - Texas Instruments SN75LBC176A Datasheet HTML 8Page - Texas Instruments SN75LBC176A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
SN65LBC176A, SN75LBC176A
DIFFERENTIAL BUS TRANSCEIVERS
SLLS376C− MAY 2000 − REVISED DECEMBER 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The SN65LBC176A, SN65LBC176AQ, and SN75LBC176A combine a 3-state, differential line driver and a
differential input line receiver, both of which operate from a single 5-V power supply. The driver and receiver
have active-high and active-low enables, respectively, which can externally connect together to function as a
direction control. The driver differential outputs and the receiver differential inputs connect internally to form a
differential input /output (I/O) bus port that is designed to offer minimum loading to the bus whenever the driver
is disabled or VCC = 0. This port features wide positive and negative common-mode voltage ranges, making
the device suitable for party-line applications. Very low device supply current can be achieved by disabling the
driver and the receiver.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(D)
PLASTIC
DUAL-IN-LINE
0
°C to 70°C
SN75LBC176AD
SN75LBC176AP
−40
°C to 85°C
SN65LBC176AD
SN65LBC176AP
−40
°C to 125°C
SN65LBC176AQD
schematics of inputs and outputs
1 k
8 V
Input
VCC
Input
100 k
4 k
18 k
4 k
16 V
16 V
Input
100 k
4 k
18 k
4 k
16 V
16 V
VCC
VCC
Output
VCC
D, DE, and RE Inputs
A Input
B Input
R Output
40
8 V
100 k


Similar Part No. - SN75LBC176A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC176A TI-SN75LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75LBC176A TI-SN75LBC176A Datasheet
519Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75LBC176AD TI-SN75LBC176AD Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75LBC176AD TI-SN75LBC176AD Datasheet
519Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75LBC176ADG4 TI-SN75LBC176ADG4 Datasheet
519Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN75LBC176A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_07 Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com