Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EML10W5575CB-J59 Datasheet(PDF) 2 Page - Bookham, Inc.

Part # EML10W5575CB-J59
Description  10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

EML10W5575CB-J59 Datasheet(HTML) 2 Page - Bookham, Inc.

  EML10W5575CB-J59 Datasheet HTML 1Page - Bookham, Inc. EML10W5575CB-J59 Datasheet HTML 2Page - Bookham, Inc. EML10W5575CB-J59 Datasheet HTML 3Page - Bookham, Inc. EML10W5575CB-J59 Datasheet HTML 4Page - Bookham, Inc. EML10W5575CB-J59 Datasheet HTML 5Page - Bookham, Inc. EML10W5575CB-J59 Datasheet HTML 6Page - Bookham, Inc. EML10W5575CB-J59 Datasheet HTML 7Page - Bookham, Inc. EML10W5575CB-J59 Datasheet HTML 8Page - Bookham, Inc. EML10W5575CB-J59 Datasheet HTML 9Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Data Sheet
2
Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
CW Laser
Threshold current
5
20
35
mA
Threshold power
0.001
1
µW
Operating current SOL
@I
op
50
80
100
mA
Operating current EOL
@I
op
105
mA
Laser forward voltage
If=80mA @ 25°C, CW
1.0
1.2
2
V
Peak wavelength
1529.55
1561.42
nm
Wavelength drift vs life time
15 years typical life
-100
100
pm
Wavelength stability with
-0.5
+0.5
pm/°C
case temperatures
Side mode suppression
36
45
dB
ratio (SMSR) @ Iop
Spectral width @ Iop
-20dBr, Notes
[2] [1]
0.2
0.27
0.3
nm
Optical Modulator
Modulator drive voltage
2
2.5
2.8
Vpp
Bias voltage for ‘on’ level
-0.5
-0.2
0
V
Fiber output power
Note
[1]
-3
-2
-1
dBm
Case temperature
Tcase = -20 to +70°C
-0.5
+/-0.1
0.5
dB
tracking error
@ cont I
m
S21 Optical bandwidth
VEA @-1V
9
12.5
GHz
S11 return loss
VEA @-1V
-15
-8
dB
(0 GHz to 7 GHz)
S11 return loss
VEA @-1V
-10
-5
dB
(7 GHz to 10 GHz)
Optical rise/fall time
20 to 80%, Notes
[1] [3]
20
36
40
ps
Dynamic optical
Notes
[1] [3]
10.5
11
dB
extinction ratio
OC192/SDH64 mask margin
Notes
[1] [3]
10
15
%
Dispersion penalty
Notes
[1] [4]
1
2
dB
(RX power penalty)
Tcase = 25°C, Tlaser = 25°C unless otherwise stated


Similar Part No. - EML10W5575CB-J59

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
EML10W5575CA-J28 BOOKHAM-EML10W5575CA-J28 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J34 BOOKHAM-EML10W5575CA-J34 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J57 BOOKHAM-EML10W5575CA-J57 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J59 BOOKHAM-EML10W5575CA-J59 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
More results

Similar Description - EML10W5575CB-J59

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
EML10WCA BOOKHAM-EML10WCA Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10ZCA BOOKHAM-EML10ZCA Datasheet
365Kb / 8P
   10Gb/s EA Modulator and DFB Laser with GPO RF Connector
logo
California Eastern Labs
NX8560LJ CEL-NX8560LJ Datasheet
497Kb / 8P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
logo
Bookham, Inc.
LMC10NEJ BOOKHAM-LMC10NEJ Datasheet
792Kb / 15P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10NEG BOOKHAM-LMC10NEG Datasheet
825Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10ZEG BOOKHAM-LMC10ZEG Datasheet
798Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
logo
Mitsubishi Electric Sem...
ML9XX31 MITSUBISHI-ML9XX31 Datasheet
46Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX41 MITSUBISHI-ML9XX41 Datasheet
109Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
ML9XX17 MITSUBISHI-ML9XX17 Datasheet
6Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com