Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EML10W5575CB-J59 Datasheet(PDF) 3 Page - Bookham, Inc.

Part # EML10W5575CB-J59
Description  10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

EML10W5575CB-J59 Datasheet(HTML) 3 Page - Bookham, Inc.

  EML10W5575CB-J59 Datasheet HTML 1Page - Bookham, Inc. EML10W5575CB-J59 Datasheet HTML 2Page - Bookham, Inc. EML10W5575CB-J59 Datasheet HTML 3Page - Bookham, Inc. EML10W5575CB-J59 Datasheet HTML 4Page - Bookham, Inc. EML10W5575CB-J59 Datasheet HTML 5Page - Bookham, Inc. EML10W5575CB-J59 Datasheet HTML 6Page - Bookham, Inc. EML10W5575CB-J59 Datasheet HTML 7Page - Bookham, Inc. EML10W5575CB-J59 Datasheet HTML 8Page - Bookham, Inc. EML10W5575CB-J59 Datasheet HTML 9Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Data Sheet
3
Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Unit
Photodiode Monitor
Monitor diode bias voltage
1.0
5
10
V
Monitor diode current
Note
[1],@Iop
0.2
0.5
1.5
mA
Dark current
0.001
0.1
µA
Capacitance
15
pF
Thermo Electric
Cooler System
Thermistor resistance
9.5
10
10.5
k
@ Tsub=25°C
Thermistor Steinhart-Hart
1.03x10-3
coefficient C1
Thermistor Steinhart-Hart
2.39x10-4
coefficient C2
Thermistor Steinhart-Hart
1.56x10-7
coefficient C3
Thermistor B constant
0/50k
3539
3575
3611
Thermistor current
1
10
100
µA
Laser submount temperature
24
36
°C
TEC current (EOL)
1.3
A
TEC voltage (EOL)
2.5
V
TEC power dissipation
3.3
W
Other
Optical isolation
Tcase = -20 to +70°C
25
30
dB
Fiber Length
0.8
1.2
m
Notes:
[1] Applied modulation is 9.953Gb/s, 2
23-1 PRBS NRZ data sequence.
[2] Linewidth is measured using 0.06nm resolution bandwidth.
[3] Optical eye parameters measured with a Communications Analyser with Agilent plug-in module 86106B option
410 (or equivalent plug-in with an 8GHz 4th Order Bessel-Thomson Filter). Optical 0/1 crossing typically 50%.
[4] Fiber characteristics are derived from the following equation;
Where So = 0.092 ps/(nm2.km) and l0 = 1302nm. Receiver sensitivity measured at a BER of 10
-10.
RX OSNR > 35dB, optimised RX CDR phase adjust and 50% CDR slice level.
S0
λ
0
4
D(λ) =
(λ - ) ps/(nm2.km)
4
λ3


Similar Part No. - EML10W5575CB-J59

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
EML10W5575CA-J28 BOOKHAM-EML10W5575CA-J28 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J34 BOOKHAM-EML10W5575CA-J34 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J57 BOOKHAM-EML10W5575CA-J57 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J59 BOOKHAM-EML10W5575CA-J59 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
More results

Similar Description - EML10W5575CB-J59

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
EML10WCA BOOKHAM-EML10WCA Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10ZCA BOOKHAM-EML10ZCA Datasheet
365Kb / 8P
   10Gb/s EA Modulator and DFB Laser with GPO RF Connector
logo
California Eastern Labs
NX8560LJ CEL-NX8560LJ Datasheet
497Kb / 8P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
logo
Bookham, Inc.
LMC10NEJ BOOKHAM-LMC10NEJ Datasheet
792Kb / 15P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10NEG BOOKHAM-LMC10NEG Datasheet
825Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10ZEG BOOKHAM-LMC10ZEG Datasheet
798Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
logo
Mitsubishi Electric Sem...
ML9XX31 MITSUBISHI-ML9XX31 Datasheet
46Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX41 MITSUBISHI-ML9XX41 Datasheet
109Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
ML9XX17 MITSUBISHI-ML9XX17 Datasheet
6Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com