Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGF-17511J Datasheet(PDF) 5 Page - Bookham, Inc.

Part # IGF-17511J
Description  XFP Optical Transceivers for 40km 10G Datacom & Storage Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

IGF-17511J Datasheet(HTML) 5 Page - Bookham, Inc.

  IGF-17511J Datasheet HTML 1Page - Bookham, Inc. IGF-17511J Datasheet HTML 2Page - Bookham, Inc. IGF-17511J Datasheet HTML 3Page - Bookham, Inc. IGF-17511J Datasheet HTML 4Page - Bookham, Inc. IGF-17511J Datasheet HTML 5Page - Bookham, Inc. IGF-17511J Datasheet HTML 6Page - Bookham, Inc. IGF-17511J Datasheet HTML 7Page - Bookham, Inc. IGF-17511J Datasheet HTML 8Page - Bookham, Inc. IGF-17511J Datasheet HTML 9Page - Bookham, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet
5
Electrical pin out
1 GND
2 VEE5
3 Mod_Desel
5 TX_DIS
6 VCC5
7 GND
8 VCC3
9 VCC3
10 SCL
11 SDA
12 Mod_Abs
13 Mod_NR
14 Rx_LOS
15 GND
GND
30
GND
30
TD+
29
TD-
28
GND
27
GND
26
RefCLK-
25
RefCLK+
24
GND
23
VCC2
22
P_down/RST
21
VCC2
20
RD+
18
RD-
17
GND
16
GND
19
TD+
29
TD-
28
GND
27
GND
26
RefCLK-
25
RefCLK+
24
GND
23
VCC2
22
P_down/RST
21
VCC2
20
GND
19
RD+
18
RD-
17
GND
16
4 Interrupt
1
GND
2
VEE5
3
Mod_Desel
4
Interrupt
5
TX_DIS
6
VCC5
7
GND
8
VCC3
9
VCC3
10 SCL
11 SDA
12 Mod_Abs
13 Mod_NR
14 Rx_LOS
15 GND
Towards ASIC
Towards Bezel
Figure 1: XFP Module Board Pinout & Names
Top of Board
Bottom of Board as
viewed through top
of board
Figure 2: Host Board Connector Pinout Top View


Similar Part No. - IGF-17511J

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
IGF-17311J BOOKHAM-IGF-17311J Datasheet
725Kb / 11P
   XFP Optical Transceivers for 10km 10G Datacom and Storage Applications
More results

Similar Description - IGF-17511J

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
IGF-17311J BOOKHAM-IGF-17311J Datasheet
725Kb / 11P
   XFP Optical Transceivers for 10km 10G Datacom and Storage Applications
IGF-32511J BOOKHAM-IGF-32511J Datasheet
854Kb / 11P
   XFP Optical Transceivers for 40km 10G Serial Applications
IGF-42311J BOOKHAM-IGF-42311J Datasheet
553Kb / 11P
   XFP Optical Transceivers for 10km 10G Serial Applications
logo
Optoway Technology Inc
XPS-2340MWG OPTOWAY-XPS-2340MWG Datasheet
237Kb / 9P
   40km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2340MWG OPTOWAY-XPS-2340MWG_09 Datasheet
245Kb / 9P
   40km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2340WG OPTOWAY-XPS-2340WG_09 Datasheet
244Kb / 9P
   10Gbps / 40km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2340WG OPTOWAY-XPS-2340WG Datasheet
288Kb / 9P
   10Gbps / 40km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
logo
OPLINK Communications I...
TXP3XGGI2X OPLINK-TXP3XGGI2X Datasheet
756Kb / 6P
   Multi-rate 10-Gigabit 40km XFP Transceivers
logo
Finisar Corporation.
FTLX1413D3BCL FINISAR-FTLX1413D3BCL Datasheet
248Kb / 11P
   10Gb/s 10km Datacom XFP Optical Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com