Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGF-17511J Datasheet(PDF) 6 Page - Bookham, Inc.

Part # IGF-17511J
Description  XFP Optical Transceivers for 40km 10G Datacom & Storage Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

IGF-17511J Datasheet(HTML) 6 Page - Bookham, Inc.

Back Button IGF-17511J Datasheet HTML 2Page - Bookham, Inc. IGF-17511J Datasheet HTML 3Page - Bookham, Inc. IGF-17511J Datasheet HTML 4Page - Bookham, Inc. IGF-17511J Datasheet HTML 5Page - Bookham, Inc. IGF-17511J Datasheet HTML 6Page - Bookham, Inc. IGF-17511J Datasheet HTML 7Page - Bookham, Inc. IGF-17511J Datasheet HTML 8Page - Bookham, Inc. IGF-17511J Datasheet HTML 9Page - Bookham, Inc. IGF-17511J Datasheet HTML 10Page - Bookham, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Data Sheet
6
Pin definitions
Pin #
Logic
Symbol
Function
Plug Seq
Notes
1
GND
Module Ground; Signal Ground
1
1
2
VEE5
Optional -5.2V Power Supply
2
3
LVTTL-I
Mod_Desel
Module De-select; When held low by host allows the module to
respond to 2-wire serial interface commands
3
4
LVTTL-O
Interrupt
Interrupt_BAR; Indicates the presence of an important condition
that can be read over the two wire interface
3
2
5
LVTTL-I
TX_DIS
Transmitter Disable; Turns Off Transmitter Laser Source
3
6
VCC5
+5V Power Supply
2
7
GND
Module Ground; Signal Ground
1
1
8
VCC3
+3.3V Power Supply
2
9
VCC3
+3.3V Power Supply
2
10
LVTTL-I
SCA
Two Wire Interface Clock
3
2
11
LVTTL-I/O
SDA
Two Wire Interface Data Line
3
2
12
LVTTL-O
Mod_Abs
Indicates Module Not Present; Grounded in Module
3
2
13
LVTTL-O
Mod_NR
Module Not Ready or Indicating Module Operational Fault
3
2
14
LVTTL-O
RX_LOS
Receiver Loss of Signal Indicator
3
2
15
GND
Module Ground; Signal Ground
1
1
16
GND
Module Ground; Signal Ground
1
1
17
CML-O
RD-
Receiver Inverted Data Output
3
18
CML-O
RD+
Receiver Non-Inverted Data Output
3
19
GND
Module Ground; Signal Ground
1
1
20
VCC2
+1.8V Power Supply
2
21
LVTTL-I
P_down/RST
Power down; When high, places the module in the low power
standby mode of less than 1.5W with 2-wire interface
still operational.
Reset; The falling edge of P_Down/RST initiates a complete
module reset including the 2-wire interface.
3
22
VCC2
+1.8V Power Supply
2
23
GND
Module Ground; Signal Ground
1
1
24
PECL-I
RefCLK+
Reference Clock Non-Inverted Input, AC coupled on Host Board
3
3
25
PECL-I
RefCLK-
Reference Clock Inverted Input, AC coupled on Host Board
3
3
26
GND
Module Ground; Signal Ground
1
1
27
GND
Module Ground; Signal Ground
1
1
28
CML-I
TD-
Transmitter Inverted Data Input
3
29
CML-I
TD+
Transmitter Non-Inverted Data Input
3
30
GND
Module Ground; Signal Ground
1
1
[1] Module ground pins are isolated from the module case and chassis ground within the module.
[2] Open Collector should be pulled up with 4.7K-10Kohms to a voltage between 3.15V and 3.6V on the host board.
[3] Reference clock is required for IGF-17511J.


Similar Part No. - IGF-17511J

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
IGF-17311J BOOKHAM-IGF-17311J Datasheet
725Kb / 11P
   XFP Optical Transceivers for 10km 10G Datacom and Storage Applications
More results

Similar Description - IGF-17511J

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
IGF-17311J BOOKHAM-IGF-17311J Datasheet
725Kb / 11P
   XFP Optical Transceivers for 10km 10G Datacom and Storage Applications
IGF-32511J BOOKHAM-IGF-32511J Datasheet
854Kb / 11P
   XFP Optical Transceivers for 40km 10G Serial Applications
IGF-42311J BOOKHAM-IGF-42311J Datasheet
553Kb / 11P
   XFP Optical Transceivers for 10km 10G Serial Applications
logo
Optoway Technology Inc
XPS-2340MWG OPTOWAY-XPS-2340MWG Datasheet
237Kb / 9P
   40km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2340MWG OPTOWAY-XPS-2340MWG_09 Datasheet
245Kb / 9P
   40km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2340WG OPTOWAY-XPS-2340WG_09 Datasheet
244Kb / 9P
   10Gbps / 40km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2340WG OPTOWAY-XPS-2340WG Datasheet
288Kb / 9P
   10Gbps / 40km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
logo
OPLINK Communications I...
TXP3XGGI2X OPLINK-TXP3XGGI2X Datasheet
756Kb / 6P
   Multi-rate 10-Gigabit 40km XFP Transceivers
logo
Finisar Corporation.
FTLX1413D3BCL FINISAR-FTLX1413D3BCL Datasheet
248Kb / 11P
   10Gb/s 10km Datacom XFP Optical Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com