Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3681A Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT3681A
Description  500mA USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3681A Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT3681A Datasheet HTML 5Page - Advanced Analogic Technologies AAT3681A Datasheet HTML 6Page - Advanced Analogic Technologies AAT3681A Datasheet HTML 7Page - Advanced Analogic Technologies AAT3681A Datasheet HTML 8Page - Advanced Analogic Technologies AAT3681A Datasheet HTML 9Page - Advanced Analogic Technologies AAT3681A Datasheet HTML 10Page - Advanced Analogic Technologies AAT3681A Datasheet HTML 11Page - Advanced Analogic Technologies AAT3681A Datasheet HTML 12Page - Advanced Analogic Technologies AAT3681A Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AAT3681A
500mA USB Port or AC Adapter
Lithium-Ion/Polymer Battery Charger
3681A.2007.10.1.2
9
Battery Preconditioning
Before the start of charging, the AAT3681A checks
several conditions in order to assure a safe charging
environment. The input supply must be above the
minimum operating voltage, or under-voltage lock-
out threshold (V
UVLO), for the charging sequence to
begin. When these conditions have been met and a
battery is connected to the BAT pin, the AAT3681A
checks the state of the battery. If the cell voltage is
below the preconditioning voltage threshold (V
MIN),
the charge control begins preconditioning the cell.
The battery preconditioning trickle charge current is
equal to the fast charge constant current divided by
10. For example, if the programmed fast charge cur-
rent is 300mA, then the preconditioning mode (trick-
le charge) current will be 30mA. Cell preconditioning
is a safety precaution for deeply discharged battery
cells and also aids in limiting power dissipation in the
pass transistor when the voltage across the device
is at the greatest potential.
Constant Current Charging
Battery cell preconditioning continues until the volt-
age on the BAT pin exceeds the preconditioning
voltage threshold (V
MIN).
At this point, the
AAT3681A begins the constant current charging
phase. The charge constant current (I
CH) amplitude
is programmed by the user via the R
SET resistor.
The AAT3681A remains in the constant current
charge mode until the battery reaches the voltage
regulation point, V
BAT_EOC.
Constant Voltage Charging
The system transitions to a constant voltage charg-
ing mode when the battery voltage reaches the
output charge regulation threshold (V
BAT_EOC) dur-
ing the constant current fast charge phase. The
regulation voltage level is factory programmed to
4.2V (±0.5%). Charge current in the constant volt-
age mode drops as the battery cell under charge
reaches its maximum capacity.
End of Charge Cycle Termination and Recharge
Sequence
When the charge current drops to 10% of the pro-
grammed fast charge current level in the constant
voltage mode, the device terminates charging and
goes into a sleep state. The charger will remain in
a sleep state until the battery voltage decreases to
a level below the battery recharge voltage thresh-
old (V
RCH).
(AAT3681A-3 does not terminate
charging and thus does not go into the sleep state.
AAT3681A-3 continues to source current to the
battery and allows the charge current to asymptot-
ically approach zero while in constant voltage
charging mode.)
Consuming very low current in sleep state, the
AAT3681A minimizes battery drain when it is not
charging. This feature is particularly useful in appli-
cations where the input supply level may fall below
the battery charge or under-voltage lockout level.
In such cases where the AAT3681A input voltage
drops, the device will enter sleep state and auto-
matically resume charging once the input supply
has recovered from the fault condition.
Figure 1: Current vs. Voltage Profile During Charging Phases.
Constant Current
Charge Phase
Constant Voltage
Charge Phase
Preconditioning
Trickle Charge
Phase
Charge Complete Voltage
Constant Current Mode
Voltage Threshold
Regulated Current
Trickle Charge and
Termination Threshold
I = CC / 10
I = Max CC


Similar Part No. - AAT3681A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3681 ANALOGICTECH-AAT3681 Datasheet
307Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3681 AAT-AAT3681 Datasheet
591Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3681 ANALOGICTECH-AAT3681 Datasheet
247Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3681-1 ANALOGICTECH-AAT3681-1 Datasheet
247Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3681IJS-4.2-1-T1 AAT-AAT3681IJS-4.2-1-T1 Datasheet
591Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
More results

Similar Description - AAT3681A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3684 ANALOGICTECH-AAT3684 Datasheet
285Kb / 17P
   500mA USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3681 ANALOGICTECH-AAT3681 Datasheet
307Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3681 AAT-AAT3681 Datasheet
591Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
SiGe Semiconductor, Inc...
AATIAN71 SIGE-AATIAN71 Datasheet
75Kb / 4P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3681 ANALOGICTECH-AAT3681_08 Datasheet
247Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3686 AAT-AAT3686 Datasheet
554Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3686 ANALOGICTECH-AAT3686 Datasheet
516Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3686 ANALOGICTECH-AAT3686_08 Datasheet
455Kb / 23P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3690 ANALOGICTECH-AAT3690 Datasheet
439Kb / 20P
   1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3688 AAT-AAT3688 Datasheet
623Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com