Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1B768 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS470R1B768
Description  16/32-Bit RISC Flash Microcontroller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470R1B768 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS470R1B768_07 Datasheet HTML 7Page - Texas Instruments TMS470R1B768_07 Datasheet HTML 8Page - Texas Instruments TMS470R1B768_07 Datasheet HTML 9Page - Texas Instruments TMS470R1B768_07 Datasheet HTML 10Page - Texas Instruments TMS470R1B768_07 Datasheet HTML 11Page - Texas Instruments TMS470R1B768_07 Datasheet HTML 12Page - Texas Instruments TMS470R1B768_07 Datasheet HTML 13Page - Texas Instruments TMS470R1B768_07 Datasheet HTML 14Page - Texas Instruments TMS470R1B768_07 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
www.ti.com
TMS470R1B768
16/32-Bit RISC Flash Microcontroller
SPNS108A – AUGUST 2005 – REVISED AUGUST 2006
Table 2. Terminal Functions (continued)
TERMINAL
INTERNAL
TYPE(1)(2)
PULLUP/
DESCRIPTION
NAME
NO.
PULLDOWN(3)
TEST/DEBUG (T/D) (CONTINUED)
Test enable. Reserved for internal use only. TI recommends that this pin be
TEST
38
3.3-V I
IPD (20 µA)
connected to ground or pulled down to ground by an external resistor.
Serial input for controlling the state of the CPU test access port (TAP)
TMS
120
3.3-V I
IPU (20 µA)
controller (JTAG)
Serial input for controlling the second TAP. TI recommends that this pin be
TMS2
121
3.3-V I
IPU (20 µA)
connected to VCCIO or pulled up to VCCIO by an external resistor.
Test hardware reset to TAP1 and TAP2. IEEE Standard 1149-1 (JTAG)
TRST
37
3.3-V I
IPD (20 µA)
Boundary-Scan Logic. TI recommends that this pin be pulled down to ground
by an external resistor.
FLASH
Flash test pad 1. For proper operation, this pin must not be connected
FLTP1
134
NC
[no connect (NC)].
Flash test pad 2. For proper operation, this pin must not be connected
FLTP2
133
NC
[no connect (NC)].
Flash external pump voltage (3.3 V). This pin is required for both flash read
VCCP
135
3.3-V PWR
and flash program and erase operations.
SUPPLY VOLTAGE CORE (1.8 V)
14
31
55
VCC
86
1.8-V PWR
Core logic supply voltage
93
128
132
SUPPLY VOLTAGE DIGITAL I/O (3.3 V)
17
VCCIO
53
3.3-V PWR
Digital I/O supply voltage
82
SUPPLY GROUND CORE
11
30
54
85
VSS
GND
Core supply ground reference
92
127
131
136
SUPPLY GROUND DIGITAL I/O
16
VSSIO
52
GND
Digital I/O supply ground reference
81
11
Submit Documentation Feedback


Similar Part No. - TMS470R1B768_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS470R1B768_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com