Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT3906DW1T1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBT3906DW1T1G
Description  Dual Bias Resistor Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT3906DW1T1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBT3906DW1T1G Datasheet HTML 1Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 2Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 3Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 4Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 5Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 6Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 7Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT3906DW1T1G
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(2)
V(BR)CEO
–40
Vdc
Collector–Base Breakdown Voltage
V(BR)CBO
–40
Vdc
Emitter–Base Breakdown Voltage
V(BR)EBO
–5.0
Vdc
Base Cutoff Current
IBL
–50
nAdc
Collector Cutoff Current
ICEX
–50
nAdc
ON CHARACTERISTICS (2)
DC Current Gain
(IC = –0.1 mAdc, VCE = –1.0 Vdc)
(IC = –1.0 mAdc, VCE = –1.0 Vdc)
(IC = –10 mAdc, VCE = –1.0 Vdc)
(IC = –50 mAdc, VCE = –1.0 Vdc)
(IC = –100 mAdc, VCE = –1.0 Vdc)
hFE
60
80
100
60
30
300
Collector–Emitter Saturation Voltage
(IC = –10 mAdc, IB = –1.0 mAdc)
(IC = –50 mAdc, IB = –5.0 mAdc)
VCE(sat)
–0.25
–0.4
Vdc
Base–Emitter Saturation Voltage
(IC = –10 mAdc, IB = –1.0 mAdc)
(IC = –50 mAdc, IB = –5.0 mAdc)
VBE(sat)
–0.65
–0.85
–0.95
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain – Bandwidth Product
fT
250
MHz
Output Capacitance
Cobo
4.5
pF
Input Capacitance
Cibo
10.0
pF
2. Pulse Test: Pulse Width
≤ 300 µs; Duty Cycle ≤2.0%.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
Input Impedance
(VCE = –10 Vdc, IC = –1.0 mAdc, f = 1.0 kHz)
hie
2.0
12
k
Voltage Feedback Ratio
(VCE = –10 Vdc, IC = –1.0 mAdc, f = 1.0 kHz)
hre
0.1
10
X 10–4
Small–Signal Current Gain
(VCE = –10 Vdc, IC = –1.0 mAdc, f = 1.0 kHz)
hfe
100
400
Output Admittance
(VCE = –10 Vdc, IC = –1.0 mAdc, f = 1.0 kHz)
hoe
3.0
60
mmhos
Noise Figure
(VCE = –5.0 Vdc, IC = –100 mAdc, RS = 1.0 k Ω, f = 1.0 kHz)
NF
4.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = –3.0 Vdc, VBE = 0.5 Vdc)
td
35
ns
Rise Time
(IC = –10 mAdc, IB1 = –1.0 mAdc)
tr
35
ns
Storage Time
(VCC = –3.0 Vdc, IC = –10 mAdc)
ts
225
ns
Fall Time
(IB1 = IB2 = –1.0 mAdc)
tf
75
ns
2/9


Similar Part No. - LMBT3906DW1T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT3906DW1T1G LRC-LMBT3906DW1T1G_15 Datasheet
236Kb / 6P
   Dual Bias Resistor Transistor
More results

Similar Description - LMBT3906DW1T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT3906DW1T1 LRC-LMBT3906DW1T1 Datasheet
188Kb / 6P
   Dual Bias Resistor Transistor
logo
ON Semiconductor
NSB1706DMW5T1 ONSEMI-NSB1706DMW5T1 Datasheet
49Kb / 3P
   Dual Bias Resistor Transistor
May, 2006 ??Rev. 3
IMD10AMT1G ONSEMI-IMD10AMT1G Datasheet
97Kb / 5P
   Dual Bias Resistor Transistor
April, 2012 ??Rev. 0
IMH20T1G ONSEMI-IMH20T1G Datasheet
23Kb / 4P
   Dual Bias Resistor Transistor
July, 2003 - Rev. 0
IMD10AMT1G ONSEMI-IMD10AMT1G_14 Datasheet
62Kb / 5P
   Dual Bias Resistor Transistor
May, 2014 ??Rev. 1
IMD10AMT1G ONSEMI-IMD10AMT1G_V01 Datasheet
63Kb / 5P
   Dual Bias Resistor Transistor
May, 2017 ??Rev. 2
logo
WILLAS ELECTRONIC CORP
MMBT3906DW1T1 WILLAS-MMBT3906DW1T1 Datasheet
349Kb / 6P
   Dual Bias Resistor Transistor
logo
ON Semiconductor
NSB1706DMW5T1G ONSEMI-NSB1706DMW5T1G_09 Datasheet
123Kb / 3P
   Dual Bias Resistor Transistor
October, 2009 ??Rev. 4
IMH20TR1G ONSEMI-IMH20TR1G Datasheet
30Kb / 2P
   Dual Bias Resistor Transistor
January, 2004 ??Rev. 0
logo
Weitron Technology
MUN5111DW WEITRON-MUN5111DW_09 Datasheet
379Kb / 12P
   Dual Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com