Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV240ADBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV240ADBR
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV240ADBR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV240ADBR Datasheet HTML 1Page - Texas Instruments SN74LV240ADBR Datasheet HTML 2Page - Texas Instruments SN74LV240ADBR Datasheet HTML 3Page - Texas Instruments SN74LV240ADBR Datasheet HTML 4Page - Texas Instruments SN74LV240ADBR Datasheet HTML 5Page - Texas Instruments SN74LV240ADBR Datasheet HTML 6Page - Texas Instruments SN74LV240ADBR Datasheet HTML 7Page - Texas Instruments SN74LV240ADBR Datasheet HTML 8Page - Texas Instruments SN74LV240ADBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN54LV240A, SN74LV240A
OCTAL BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCLS384G − SEPTEMBER 1997 − REVISED DECEMBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV240A
SN74LV240A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
Y
6.3∗
11.6∗
1∗
14∗
1
14
ten
OE
Y
CL = 15 pF
8.5∗
14.6∗
1∗
17∗
1
17
ns
tdis
OE
Y
CL = 15 pF
9.7∗
14.1∗
1∗
16∗
1
16
ns
tpd
A
Y
8.2
14.4
1
17
1
17
ten
OE
Y
CL = 50 pF
10.3
17.8
1
21
1
21
ns
tdis
OE
Y
CL = 50 pF
14.2
19.2
1
21
1
21
ns
tsk(o)
2
2
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV240A
SN74LV240A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
Y
4.6∗
7.5∗
1∗
9∗
1
9
ten
OE
Y
CL = 15 pF
6.2∗
10.6∗
1∗
12.5∗
1
12.5
ns
tdis
OE
Y
CL = 15 pF
8.3∗
12.5∗
1∗
13.5∗
1
13.5
ns
tpd
A
Y
5.9
11
1
12.5
1
12.5
ten
OE
Y
CL = 50 pF
7.5
14.1
1
16
1
16
ns
tdis
OE
Y
CL = 50 pF
11.8
15
1
17
1
17
ns
tsk(o)
1.5
1.5
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV240A
SN74LV240A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
Y
3.4∗
5.5∗
1∗
6.5∗
1
6.5
ten
OE
Y
CL = 15 pF
4.6∗
7.3∗
1∗
8.5∗
1
8.5
ns
tdis
OE
Y
CL = 15 pF
7.4∗
12.2∗
1∗
13.5∗
1
13.5
ns
tpd
A
Y
4.4
7.5
1
8.5
1
8.5
ten
OE
Y
CL = 50 pF
5.6
9.3
1
10.5
1
10.5
ns
tdis
OE
Y
CL = 50 pF
9.7
14.2
1
15.5
1
15.5
ns
tsk(o)
1
1
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV240ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV240ADBR TI-SN74LV240ADBR Datasheet
357Kb / 15P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV240ADBR TI-SN74LV240ADBR Datasheet
531Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV240ADBR TI1-SN74LV240ADBR Datasheet
1,011Kb / 27P
[Old version datasheet]   Octal Inverting Buffers/Drivers With 3-State Outputs
SN74LV240ADBRE4 TI-SN74LV240ADBRE4 Datasheet
357Kb / 15P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV240ADBRE4 TI-SN74LV240ADBRE4 Datasheet
531Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV240ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com