Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGP-28111J-87 Datasheet(PDF) 4 Page - Bookham, Inc.

Part # IGP-28111J-87
Description  SFP Optical Transceivers for 2.7Gb/s 180km DWDM Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

IGP-28111J-87 Datasheet(HTML) 4 Page - Bookham, Inc.

  IGP-28111J-87 Datasheet HTML 1Page - Bookham, Inc. IGP-28111J-87 Datasheet HTML 2Page - Bookham, Inc. IGP-28111J-87 Datasheet HTML 3Page - Bookham, Inc. IGP-28111J-87 Datasheet HTML 4Page - Bookham, Inc. IGP-28111J-87 Datasheet HTML 5Page - Bookham, Inc. IGP-28111J-87 Datasheet HTML 6Page - Bookham, Inc. IGP-28111J-87 Datasheet HTML 7Page - Bookham, Inc. IGP-28111J-87 Datasheet HTML 8Page - Bookham, Inc. IGP-28111J-87 Datasheet HTML 9Page - Bookham, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
4
APD Receiver Operating Specifications – Electrical
Parameter
Symbol
Value
Units
Notes
Min
Typical
Max
Data Rate
BR
0.125
2.667
4.25
Gb/s
Supply Voltage
V
CC_TX
3.13
3.3
3.47
V
Differential Output Swing
V
RXDIFF
370
2000
mV
Differential pk-pk. Note 1
Rise/Fall Time
T
R / TF
140
ps
20% - 80% Note 1
Loss of Signal (Asserted)
V
OH
2
3.47
V
Output Voltage High
Loss of Signal (Negated)
V
OL
-0.3
0.8
V
Output Voltage Low
Notes:
[1] Test conditions: 100
Ω differential (from 100MHz to 2.5GHz); VRXDIFF = | (VRD+) – (VRD-) |
Parameter
Symbol
Min
Max
Unit
Notes
Time from rising edge of
TX_DISABLE Assert Time
t_off
20
ms
TX_DISABLE to when the optical
output falls below 10% of nominal
Time from falling edge of TX_DISABLE
TX_DISABLE Negate Time
t_on
20
ms
to when the modulated optical output
rises above 90% of nominal
Time to initialize, including
From negation of TX_FAULT/INT using
reset of TX_FAULT
t_init
300
ms
TX_DISABLE Optical power going to 90%
of final value
From power on to negation of TX
Startup time
t_startup
90
s
FAULT/INT, indicating laser temperature
has stabilised to within operating range.
TX_FAULT/INT Assert Time
t_fault
50
ms
Time from fault to TX_FAULT/INT on.
TX_DISABLE to Reset
t_reset
10
ms
Time TX_DISABLE must be held high to
reset TX_FAULT/INT
LOS Assert Time
t_los_on
100
us
Time from LOS state to RX LOS assert
LOS NegateTime
t_los_off
100
us
Time from non-LOS state to RX LOS
deassert
Serial ID Clock Rate
f_serial_clock
100
kHz
The DWDM SFP MSA document specifies the full details of the low speed electrical interface in Section 3, including timings
and both AC and DC requirements.
Table 1: I/O Timing for Hardware Control and Status Functions.
Low Speed Electrical Signal Timings


Similar Part No. - IGP-28111J-87

ManufacturerPart #DatasheetDescription
logo
Level One
IGP-0101 LVL1-IGP-0101 Datasheet
235Kb / 2P
   Redundant power inputs with Terminal Block
IGP-0801 LVL1-IGP-0801 Datasheet
243Kb / 3P
   Redundant power inputs with Terminal Block
IGP-0802 LVL1-IGP-0802 Datasheet
243Kb / 3P
   Redundant power inputs with Terminal Block
More results

Similar Description - IGP-28111J-87

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPD1XGJERXX-S0217 OPLINK-TPD1XGJERXX-S0217 Datasheet
347Kb / 9P
   DWDM 40km SFP Transceivers
logo
MRV Communications, Inc...
SFP27DWLR08 MRV-SFP27DWLR08 Datasheet
94Kb / 5P
   DWDM Multirate SFP Transceivers
logo
List of Unclassifed Man...
PSP-1G010 ETC2-PSP-1G010 Datasheet
315Kb / 8P
   SFP Optical Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5701XXZ AVAGO-AFCT-5701XXZ Datasheet
70Kb / 2P
   Single-Mode SFP Optical Transceivers
logo
Finisar Corporation.
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5701Z AVAGO-AFBR-5701Z Datasheet
339Kb / 22P
   SFP OPtical Transceivers with Optional DMI for Gigabit Ethernet
logo
Bookham, Inc.
IGF-42311J BOOKHAM-IGF-42311J Datasheet
553Kb / 11P
   XFP Optical Transceivers for 10km 10G Serial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com