Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LV1023ADB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LV1023ADB
Description  10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LV1023ADB Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LV1023ADB Datasheet HTML 5Page - Texas Instruments SN65LV1023ADB Datasheet HTML 6Page - Texas Instruments SN65LV1023ADB Datasheet HTML 7Page - Texas Instruments SN65LV1023ADB Datasheet HTML 8Page - Texas Instruments SN65LV1023ADB Datasheet HTML 9Page - Texas Instruments SN65LV1023ADB Datasheet HTML 10Page - Texas Instruments SN65LV1023ADB Datasheet HTML 11Page - Texas Instruments SN65LV1023ADB Datasheet HTML 12Page - Texas Instruments SN65LV1023ADB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
SERIALIZER TIMING REQUIREMENTS FOR TCLK
SERIALIZER SWITCHING CHARACTERISTICS
DESERIALIZER TIMING REQUIREMENTS FOR REFCLK
SN65LV1023A
SN65LV1224B
SLLS621C – SEPTEMBER 2004 – REVISED FEBRUARY 2006
over recommended operating supply and temperature ranges (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tTCP
Transmit clock period
15.15
T
100
ns
tTCIH
Transmit clock high time
0.4T
0.5T
0.6T
ns
tTCIL
Transmit clock low time
0.4T
0.5T
0.6T
ns
tt(CLK)
TCLK input transition time
3
6
ns
tJIT
TCLK input jitter
See Figure 18
150
ps (RMS)
Frequency tolerance
-100
+100
ppm
over recommended operating supply and temperature ranges (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tTLH(L)
LVDS low-to-high transition time
RL = 27 Ω, CL = 10 pF to GND, See
0.2
0.4
ns
Figure 5
tLTHL(L)
LVDS high-to-low transition time
0.25
0.4
ns
tsu(DI)
DIN0–DIN9 setup to TCLK
RL = 27 Ω, CL = 10 pF to GND, See
0.5
ns
Figure 8
tsu(DI)
DIN0–DIN9 hold from TCLK
4
ns
td(HZ)
DO± high-to-high impedance state
RL = 27 Ω, CL = 10 pF to GND, See
2.5
5
delay
Figure 9
td(LZ)
DO± low-to-high impedance state
2.5
5
delay
ns
td(ZH)
DO± high-to-high impedance
5
10
state-tohigh delay
td(ZL)
DO± high-to-high impedance
6.5
10
state-to-low delay
tw(SPW)
SYNC pulse duration
RL = 27
Ω, See Figure 11
6×tTCP
ns
t(PLD)
Serializer PLL lock time
1026×tTCP
ns
td(S)
Serializer delay
RL = 27
Ω, See Figure 12
tTCP+1
tTCP+2
tTCP+3
ns
tDJIT
Deterministic jitter
RL = 27
Ω, C
L = 10 pF to GND
230
ps
150
tRJIT
Random jitter
RL = 2.7
Ω, C
L = 10 pF to GND
10
19
ps (RMS)
over recommended operating supply and temperature ranges (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tRFCP
REFCLK period
15.15
T
100
ns
tRFDC
REFCLK duty cycle
30%
50%
70%
tt(RF)
REFCLK transition time
3
6
ns
Frequency tolerance
-100
+100
ppm
9
Submit Documentation Feedback


Similar Part No. - SN65LV1023ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023ADB TI-SN65LV1023ADB Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023ADB TI1-SN65LV1023ADB Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023ADBG4 TI1-SN65LV1023ADBG4 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023ADBR TI1-SN65LV1023ADBR Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1023ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A_16 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com