Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBA060C-806-02 Datasheet(PDF) 4 Page - Bookham, Inc.

Part # LBA060C-806-02
Description  Macrochannel Cooler Based Lateral Laser Diode Bar Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LBA060C-806-02 Datasheet(HTML) 4 Page - Bookham, Inc.

  LBA060C-806-02 Datasheet HTML 1Page - Bookham, Inc. LBA060C-806-02 Datasheet HTML 2Page - Bookham, Inc. LBA060C-806-02 Datasheet HTML 3Page - Bookham, Inc. LBA060C-806-02 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Data Sheet
4
BH12896 Rev 1.1 June 2007
©Bookham 2005. Bookham is a registered trademark of Bookham Inc.
RoHS Compliance
Bookham is fully committed to environment
protection and sustainable development and has
set in place a comprehensive program for
removing polluting and hazardous substances from
all of its products. The relevant evidence of RoHS
compliance is held as part of our controlled
documentation for each of our compliant products.
RoHS compliance parts are available to order,
please refer to the ordering information section for
further details.
Ordering Information:
LBA060C-806-02
60W 806nm Macrochannel Cooler Based Lateral Laser Diode Bar Array
LBA120C-806-02
120W 806nm Macrochannel Cooler Based Lateral Laser Diode Bar Array
LBA140C-806-02
140W 806nm Macrochannel Cooler Based Lateral Laser Diode Bar Array
Bookham
(Switzerland) AG
Binzstrasse 17
8045 Zurich
Switzerland
• Tel: +41 44 455 8787
• Fax:+41 44 455 8586
www.bookham.com
highpower@bookham.com
Important Notice
Performance figures, data and any illustrative material
provided in this data sheet are typical and must be
specifically confirmed in writing by Bookham before
they become applicable to any particular order or
contract. In accordance with the Bookham policy of
continuous improvement specifications may change
without notice. The publication of information in this
data sheet does not imply freedom from patent or other
protective rights of Bookham or others. Further details
are available from any Bookham sales representative.
Contact Information
EMEA Sales Contact
Gunnar Stolze
• Tel: +41 79 635 3777
North America
Sales Contact
Michael Cutler
• Tel: +1 678 763 0777
ASIA Sales Contact
Patrick Lee
• Tel: +852 9197 7014
Japan Sales Contact
Japan Laser Corporation
• Tel: +813 5285 0861
DANGER
MAX POWER 60 - 140W
WAVELENGTH 806nm
CLASS IIIb LASER PRODUCT
INVISIBLE LASER RADIATION -
AVOID DIRECT EXPOSURE TO BEAM
This product complies with
21CFR 1040.10
FM 68159
ISO 9001:2000
Certified
REFERENCE IEC 60825-Edition 1.2
INVISIBLE LASER
RADIATION AVOID EYE OR
SKIN EXPOSURE TO DIRECT
OR SCATTERED RADIATION
CLASS 4 LASER PRODUCT


Similar Part No. - LBA060C-806-02

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LBA ILLINOISCAPACITOR-LBA Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
logo
Bookham, Inc.
LBA100C BOOKHAM-LBA100C Datasheet
342Kb / 4P
   Microchannel Cooler Based Lateral Laser Diode Bar Arrays
LBA100C-806-01 BOOKHAM-LBA100C-806-01 Datasheet
342Kb / 4P
   Microchannel Cooler Based Lateral Laser Diode Bar Arrays
logo
Clare, Inc.
LBA110 CLARE-LBA110 Datasheet
126Kb / 8P
   DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LBA110 IXYS-LBA110 Datasheet
150Kb / 9P
   Dual Pole OptoMOS Relay
More results

Similar Description - LBA060C-806-02

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LBA100C BOOKHAM-LBA100C Datasheet
342Kb / 4P
   Microchannel Cooler Based Lateral Laser Diode Bar Arrays
BAC110C BOOKHAM-BAC110C Datasheet
562Kb / 4P
   110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC50C BOOKHAM-BAC50C Datasheet
263Kb / 4P
   50W 806nm High Power Laser Diode Bar on Microchannel Cooler
BAC80C BOOKHAM-BAC80C Datasheet
261Kb / 4P
   80W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC120C BOOKHAM-BAC120C Datasheet
261Kb / 4P
   120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC40C-806-01 BOOKHAM-BAC40C-806-01 Datasheet
263Kb / 4P
   40W 806nm 30% Fill Factor High Power Laser Diode Bar on Microchannel Cooler
VAC80C-915-01 BOOKHAM-VAC80C-915-01 Datasheet
574Kb / 4P
   80W 9xxnm High Power Very High Brightness Laser Diode Bar on Microchannel Cooler
BPC80C BOOKHAM-BPC80C Datasheet
235Kb / 4P
   80W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC50C BOOKHAM-BPC50C Datasheet
234Kb / 4P
   50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC60C BOOKHAM-BPC60C Datasheet
235Kb / 4P
   60W 9xxnm 20% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com