Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC25TEAJ28 Datasheet(PDF) 2 Page - Bookham, Inc.

Part # LC25TEAJ28
Description  2.5 Gb/s Buried Het 4x100GHz Tunable Laser with extended reach option
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC25TEAJ28 Datasheet(HTML) 2 Page - Bookham, Inc.

  LC25TEAJ28 Datasheet HTML 1Page - Bookham, Inc. LC25TEAJ28 Datasheet HTML 2Page - Bookham, Inc. LC25TEAJ28 Datasheet HTML 3Page - Bookham, Inc. LC25TEAJ28 Datasheet HTML 4Page - Bookham, Inc. LC25TEAJ28 Datasheet HTML 5Page - Bookham, Inc. LC25TEAJ28 Datasheet HTML 6Page - Bookham, Inc. LC25TEAJ28 Datasheet HTML 7Page - Bookham, Inc. LC25TEAJ28 Datasheet HTML 8Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet
2
Parameters
Parameter
Conditions
Min
Typ
Max
Unit
Threshold current (I
th)
10
22
mA
Slope efficiency
2 mW
0.04
0.09
mW/mA
3 mW
0.06
0.13
mW/mA
4 mW
0.08
0.17
mW/mA
High Power [1]
0.143
0.43
mW/mA
RF input reflection coef (S
11)
[2]
-10
dB
Forward voltage
1.3
1.8
V
Peak wavelength (
λ
p)
[3]
1527
1563
nm
Dispersion penalty
[4]
2
dB
Time averaged spectral linewidth
-20 dB
0.4
0.6
nm
Side-mode suppression
34
40
dB
Optical rise/fall time
[5]
125
ps
Monitor photo current
50
250
1200
µA
Monitor dark current
100
nA
Thermistor resistance
4.07
20.7
k
Heatpump current
∆T = 64°C
1000
mA
Heatpump voltage
∆T = 64°C
2.4
V
Change of
λ with laser temp.
8 to 50°C
0.09
nm/°C
Change of
λ over life and
[6]
-45
+145
pm
operating conditions
[1] The high power version provides 10 mW peak output power for 175 km applications and 7 mW peak ouput power for
360 km applications.
[2] 50
measurement system, f = dc - 3 GHz.
[3] Submount temperature between 8°C & 50°C start of life to achieve required
λ
p.
[4] Dispersion penalty is compliant to a link length of 175 km or 360 km using an extinction ratio of 10dB. Fibre dispersion
characteristics are derived from the following equation:
where So =0.092 ps/(nm2 km) and
λ
0 = 1302 nm.
[5] Measurements determined from 20 - 80% Pk - Pk
[6] For more information on wavelength control and drift over life refer to application note DR1670. To give symmetrical wavelength
performance about the ITU channel wavelength (+/-95pm) offset the laser wavelength by –50pm at start of life set up.
)
.
/(
)
(
4
)
(
3
4
0
km
nm
ps
So
D
λ
λ
λ
λ−
=


Similar Part No. - LC25TEAJ28

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
LC2504-P9 UNSEMI-LC2504-P9 Datasheet
3Mb / 5P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
logo
Shanghai Leiditech Elec...
LC2504P8 LEIDITECH-LC2504P8 Datasheet
373Kb / 3P
   USB 2.0 power and data line
LC2504P8 LEIDITECH-LC2504P8 Datasheet
317Kb / 3P
   LOW CAPACITANCE TVS DIODE ARRAY
LC2504P8 LEIDITECH-LC2504P8_V01 Datasheet
317Kb / 3P
   LOW CAPACITANCE TVS DIODE ARRAY
LC2508P8 LEIDITECH-LC2508P8 Datasheet
258Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR ETHERNET PROTECTION
More results

Similar Description - LC25TEAJ28

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25ET BOOKHAM-LC25ET Datasheet
247Kb / 6P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with Etalon Stabilisation and extended reach option
LC25WC BOOKHAM-LC25WC Datasheet
220Kb / 5P
   2.5 Gb/s CWDM Buried Het Laser 80Km reach
LC25W-B BOOKHAM-LC25W-B Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25WZ BOOKHAM-LC25WZ Datasheet
218Kb / 5P
   2.5Gb/s Buried Het Laser non-WDM applications
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20306 ERICSSON-PGT20306 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
logo
Optoway Technology Inc
DL-3100S OPTOWAY-DL-3100S Datasheet
111Kb / 2P
   1310 nm DFB LASER DIODES 2.5 Gb/s MQW-DFB LASER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com