Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC94 Datasheet(PDF) 2 Page - Bookham, Inc.

Part # LC94
Description  980nm Pump Laser Module - Grating Stabilized, 300mW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC94 Datasheet(HTML) 2 Page - Bookham, Inc.

  LC94 Datasheet HTML 1Page - Bookham, Inc. LC94 Datasheet HTML 2Page - Bookham, Inc. LC94 Datasheet HTML 3Page - Bookham, Inc. LC94 Datasheet HTML 4Page - Bookham, Inc. LC94 Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
2
Characteristics
Parameter
Min
Typ
Max
Unit
Threshold current (I
th)
30
40
mA
Operating drive current (I
f)
ZC thru ZD
250
mA
ZE thru ZF
300
mA
ZG thru ZJ
350
mA
ZK thru ZM
400
mA
A thru B
450
mA
C thru E
500
mA
F thru K
550
mA
L
600
mA
Forward voltage (V
f)
1.9
2.5
V
Centre wavelength (
λ
c)
974
nm
Spectral width (RMS @ -13dB)
0.2
1
nm
Spectrum stability (t = 60s)
±0.5
nm
Temperature dependence of peak wavelength
0.02
nm/°C
Wavelength tolerance
±0.5
nm
Monitor detector responsivity
1.0
8
25
µA/mW
Monitor dark current
50
nA
Thermistor resistance (at 25°C)
9.5
10
10.5
k
Intended laser submount operating temperature
20
25
30
°C
Power stability
Peak-to peak, t = 60s,
DC to 50kHz sampling, T
C = 25°C
>20mW
0.05
dB
10-20mW
0.1
dB
Laser temperature, R = 10k
23.5
26.5
°C
Heatpump current (
∆T = 50°C, I
f = 500mA)
1.3
A
Heatpump voltage (
∆T = 50°C, I
f = 500mA)
2.8
V
Conditions unless otherwise stated:
Case temperature -20 to +75°C
Submount temperature 25°C
Monitor diode bias -5V
CW operation
Kink-free fiber-coupled output power:
LC94ZC74-20R
100mW
LC94A74-20R
200mW
(Wavelength = 974nm)
LC94ZD74-20R
110mW
LC94B74-20R
210mW
LC94ZE74-20R
120mW
LC94C74-20R
220mW
LC94ZF74-20R
130mW
LC94D74-20R
230mW
LC94ZG74-20R
140mW
LC94E74-20R
240mW
LC94ZH74-20R
150mW
LC94F74-20R
250mW
LC94ZJ74-20R
160mW
LC94G74-20R
260mW
LC94ZK74-20R
170mW
LC94H74-20R
270mW
LC94ZL74-20R
180mW
LC94J74-20R
280mW
LC94ZM74-20R
190mW
LC94K74-20R
290mW
LC94L74-20R
300mW


Similar Part No. - LC94

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
LC9-4125-1-0-04 VECTRON-LC9-4125-1-0-04 Datasheet
80Kb / 1P
   Nominal centre frequency fo: 9.4125 MHz
logo
Microsemi Corporation
LC9.0 MICROSEMI-LC9.0 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC9.0 MICROSEMI-LC9.0 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC9.0 NJSEMI-LC9.0 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LC9.0A MICROSEMI-LC9.0A Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - LC94

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 400mW
LC96 BOOKHAM-LC96 Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
   ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
   980nm Pump Laser Module, Uncooled
LC95A76ULR BOOKHAM-LC95A76ULR Datasheet
213Kb / 4P
   976nm Laser Module Stabilized with Narrow-Bandwidth Grating
logo
Agere Systems
269-1 AGERE-269-1 Datasheet
85Kb / 8P
   269-Type 14xx nm Pump Laser Module with Fiber Grating
logo
JDS Uniphase Corporatio...
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100 JDSU-26-7402-100 Datasheet
271Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com