Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC25W4532ABJ28 Datasheet(PDF) 1 Page - Bookham, Inc.

Part # LC25W4532ABJ28
Description  2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC25W4532ABJ28 Datasheet(HTML) 1 Page - Bookham, Inc.

  LC25W4532ABJ28 Datasheet HTML 1Page - Bookham, Inc. LC25W4532ABJ28 Datasheet HTML 2Page - Bookham, Inc. LC25W4532ABJ28 Datasheet HTML 3Page - Bookham, Inc. LC25W4532ABJ28 Datasheet HTML 4Page - Bookham, Inc. LC25W4532ABJ28 Datasheet HTML 5Page - Bookham, Inc. LC25W4532ABJ28 Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
1
This laser module employs the Bookham strained layer
MQW Buried Heterostructure DFB laser chip, and has been
designed specifically for use in Wavelength Division
Multiplexed (WDM) 2.5Gb/s long distance optical fiber trunk
systems. The device is packaged in a hermetically sealed
14-pin butterfly package incorporating an isolator and monitor
photodiode for control of the power of the laser over life and
all operating conditions.
The device is available with a number of power options
depending on application and link span requirements.
The optional internal Etalon wavelength stabilization and low
chirp performance makes this product compliant with 50GHz
optical channel spacing.
Features:
• 2.5Gb/s operation
• +/-95pm wavelength stability over life without
Etalon locker
• Optional Etalon wavelength stabilization provides
50GHz optical channel spacing compliance for interlay
or future upgrade
• Narrow spectral line-width
• Internal TEC with precision NTC thermistor for
temperature control
• Entire C & L-band ITU avelengths available
(1527nm to 1605nm)
• Code reduction with single product for reaches
up to 360km
• GaInAsP SLMQW DFB single frequency laser chip
• InGaAs monitor photo-diode
• Hermetically sealed 14-pin butterfly package with
optical isolator
• RoHS compliant
Applications:
• WDM
• On-off ramps
• Long-Haul
• DWDM on ITU Grid
2.5Gb/s Buried Het Laser 360km Extended Reach
With Optional Etalon Stabilization
LC25W-B (360km)


Similar Part No. - LC25W4532ABJ28

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25W4532AAJ28 BOOKHAM-LC25W4532AAJ28 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532AAJ34 BOOKHAM-LC25W4532AAJ34 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532AAJ57 BOOKHAM-LC25W4532AAJ57 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532AAJ59 BOOKHAM-LC25W4532AAJ59 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
More results

Similar Description - LC25W4532ABJ28

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25ET BOOKHAM-LC25ET Datasheet
247Kb / 6P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with Etalon Stabilisation and extended reach option
LC25T BOOKHAM-LC25T Datasheet
233Kb / 8P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with extended reach option
LC25WZ BOOKHAM-LC25WZ Datasheet
218Kb / 5P
   2.5Gb/s Buried Het Laser non-WDM applications
LC25WC BOOKHAM-LC25WC Datasheet
220Kb / 5P
   2.5 Gb/s CWDM Buried Het Laser 80Km reach
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Mitsubishi Electric Sem...
ML0131 MITSUBISHI-ML0131 Datasheet
133Kb / 2P
   FOR OPTICAL TRANSMITTER(2.5Gb/s LASER DRIVER)
logo
Vitesse Semiconductor C...
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com