Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC25W4532BBJ28 Datasheet(PDF) 4 Page - Bookham, Inc.

Part # LC25W4532BBJ28
Description  2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC25W4532BBJ28 Datasheet(HTML) 4 Page - Bookham, Inc.

  LC25W4532BBJ28 Datasheet HTML 1Page - Bookham, Inc. LC25W4532BBJ28 Datasheet HTML 2Page - Bookham, Inc. LC25W4532BBJ28 Datasheet HTML 3Page - Bookham, Inc. LC25W4532BBJ28 Datasheet HTML 4Page - Bookham, Inc. LC25W4532BBJ28 Datasheet HTML 5Page - Bookham, Inc. LC25W4532BBJ28 Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet
4
Instructions for use – LC25W****B/LC25EW****B
Pin 1 and Pin 2 Thermistor
The thermistor is used in a control loop in conjunction with
the thermo-electric cooler to maintain the laser submount
temperature at the required value for wavelength.
Operating current should be less than 100µA to prevent
self-heating errors.
For Etalon stabilized devices the thermistor is used for the
initial set up of the submount temperature at the required
wavelength value. Operating current should be less than
100 µA to prevent self-heating errors. Once the initial
submount temperature has been achieved control of the TEC
current is handed over to the Etalon locking circuit to achieve
fine tuning.
Pin 3 Laser DC bias (-)
Laser bias current (negative with respect to package ground)
is applied via this pin which forms one side of the bias-T
connection to the laser cathode.
Pin 4 Monitor anodes, Pin 5 Common Monitor cathode
The back facet monitor provides a mean power reference for
the laser and is normally operated with a 5V reverse bias.
For Etalon stabilized devices the monitor diodes are arranged
in the package such that they give an equal monitor current
when the laser wavelength is matched to the ITU grid.
A reverse bias must be applied equally across each of the
monitors, this is commonly achieved by applying 5 V to Pin 5.
Pin 6 TEC (+), Pin 7 TEC (-)
Applying a positive voltage on pin 6 with respect to pin 7 will
cause the internal submount to be cooled relative to the case
temperature. Reversing the polarity will raise the submount
temperature relative to the case. The TEC supply should be
capable of delivering up to 0.9A at 2.4V.
Pin 8, 9, 11, 13 Case ground
These pins must be grounded in all applications.
Pin 10
This pin is not connected for the LC25W product and it
should be grounded if possible. For the Etalon locked
product this pin is used for the monitor long anode.
The monitor diodes are arranged such that they give an equal
monitor current when the laser wavelength is matched to the
ITU grid. A reverse bias must be applied equally across each
of the monitors, this is commonly achieved by applying
5V to pin 5.
Pin 12 Laser modulation (-)
The data input (modulation current) is applied via this pin
which is a nominal 25 Ohm impedance coplanar line.
Pin 14 N/C
This pin is not connected. It should be grounded if possible.


Similar Part No. - LC25W4532BBJ28

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25W4532BAJ28 BOOKHAM-LC25W4532BAJ28 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532BAJ34 BOOKHAM-LC25W4532BAJ34 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532BAJ57 BOOKHAM-LC25W4532BAJ57 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532BAJ59 BOOKHAM-LC25W4532BAJ59 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
More results

Similar Description - LC25W4532BBJ28

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25ET BOOKHAM-LC25ET Datasheet
247Kb / 6P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with Etalon Stabilisation and extended reach option
LC25T BOOKHAM-LC25T Datasheet
233Kb / 8P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with extended reach option
LC25WZ BOOKHAM-LC25WZ Datasheet
218Kb / 5P
   2.5Gb/s Buried Het Laser non-WDM applications
LC25WC BOOKHAM-LC25WC Datasheet
220Kb / 5P
   2.5 Gb/s CWDM Buried Het Laser 80Km reach
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Mitsubishi Electric Sem...
ML0131 MITSUBISHI-ML0131 Datasheet
133Kb / 2P
   FOR OPTICAL TRANSMITTER(2.5Gb/s LASER DRIVER)
logo
Vitesse Semiconductor C...
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com