Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC25WC153AGJ34 Datasheet(PDF) 2 Page - Bookham, Inc.

Part # LC25WC153AGJ34
Description  2.5 Gb/s CWDM Buried Het Laser 80Km reach
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC25WC153AGJ34 Datasheet(HTML) 2 Page - Bookham, Inc.

  LC25WC153AGJ34 Datasheet HTML 1Page - Bookham, Inc. LC25WC153AGJ34 Datasheet HTML 2Page - Bookham, Inc. LC25WC153AGJ34 Datasheet HTML 3Page - Bookham, Inc. LC25WC153AGJ34 Datasheet HTML 4Page - Bookham, Inc. LC25WC153AGJ34 Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
2
Parameters
Parameter
Conditions
Min
Typ
Max
Unit
Threshold current (I
th)
10
22
mA
Slope efficiency by product
2 mW
0.04
0.09
3 mW
0.06
0.13
mW/mA
4 mW
0.08
0.17
10 mW
0.143
0.43
RF input reflection coef (S
11)
[1]
-10
dB
Forward voltage
1.3
1.8
V
Channel wavelengths available
ITU G.694.2
1470
1610
nm
Peak wavelength for channel
[2]
λ
p-4nm
λ
p
λ
p+4nm
nm
Dispersion penalty at 80 km
[3]
2
dB
Time averaged spectral linewidth
-20 dB
0.1
0.6
nm
Side-mode suppression
30
40
dB
Optical rise/fall time
[4]
125
ps
Monitor photo current
50
250
1200
µA
Monitor dark current
100
nA
Thermistor resistance
10
k
Heatpump current
70°C case temperature
250
600
900
mA
Heatpump voltage
70°C case temperature
1.0
2.4
V
Change of
λ
p with laser temp.
20 to 35
0.09
nm/°C
[1] 50
measurement system, f = dc - 3 GHz.
[2] Submount temperature between 20°C & 35°C start of life to achieve required
λ
p.
[3] Standard product dispersion penalty will be compliant to the specified link length of 80 km using an extinction ratio of 10 dB.
Fibre dispersion characteristics are derived from the following equation
Where So = 0.092 ps/(nm2.km) and
λ = 1302 nm.
[4] Measurements determined from 20 - 80% pk - pk.
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Case operating temperature
0
70
°C
Laser submount operating temperature
20
35
°C
Storage temperature
-40
85
°C
Laser current above I
th
100
mA
Laser reverse voltage
1.0
V
Laser reverse current
10
µA
Monitor diode bias
-10
V
Heatpump voltage
2.4
V
Fiber bend radius
30
mm
)
.
/(
)
(
4
)
(
3
4
0
km
nm
ps
So
D
λ
λ
λ
λ−
=


Similar Part No. - LC25WC153AGJ34

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W-B BOOKHAM-LC25W-B Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
LC25W4532AAJ28 BOOKHAM-LC25W4532AAJ28 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532AAJ34 BOOKHAM-LC25W4532AAJ34 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532AAJ57 BOOKHAM-LC25W4532AAJ57 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
More results

Similar Description - LC25WC153AGJ34

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25T BOOKHAM-LC25T Datasheet
233Kb / 8P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with extended reach option
LC25ET BOOKHAM-LC25ET Datasheet
247Kb / 6P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with Etalon Stabilisation and extended reach option
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W-B BOOKHAM-LC25W-B Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
LC25WZ BOOKHAM-LC25WZ Datasheet
218Kb / 5P
   2.5Gb/s Buried Het Laser non-WDM applications
logo
JDS Uniphase Corporatio...
CT2-MI2LACW11C JDSU-CT2-MI2LACW11C Datasheet
209Kb / 8P
   2.5 Gb/s CWDM SFP Transceiver (Multirate)
logo
Pulse A Technitrol Comp...
SFPPT-CW49-01 PULSE-SFPPT-CW49-01 Datasheet
353Kb / 8P
   10Gb/s CWDM SFP 80km Transceiver
logo
California Eastern Labs
NX8508 CEL-NX8508 Datasheet
383Kb / 5P
   NECs InGaAsP MQW-DFB LASER MODULE IN COAXIAL PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX6508 CEL-NX6508 Datasheet
332Kb / 4P
   NECs InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com