Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC25W4532CAJ34 Datasheet(PDF) 3 Page - Bookham, Inc.

Part # LC25W4532CAJ34
Description  2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC25W4532CAJ34 Datasheet(HTML) 3 Page - Bookham, Inc.

  LC25W4532CAJ34 Datasheet HTML 1Page - Bookham, Inc. LC25W4532CAJ34 Datasheet HTML 2Page - Bookham, Inc. LC25W4532CAJ34 Datasheet HTML 3Page - Bookham, Inc. LC25W4532CAJ34 Datasheet HTML 4Page - Bookham, Inc. LC25W4532CAJ34 Datasheet HTML 5Page - Bookham, Inc. LC25W4532CAJ34 Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data Sheet
3
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Case operating temperature
0
70
°C
Laser submount operating temperature
[1] [2]
20
35
°C
Storage temperature
-40
85
°C
Laser current above Ith
100
mA
Laser reverse voltage
1.0
V
Laser reverse current
10
µA
Monitor diode bias
-10
V
Heatpump voltage
2.4
V
Fiber bend radius
30
mm
Outline Drawing
Dimensions (mm)
Notes:
[1] Product without locker can be tuned onto the next 100GHz ITU channel in the red shift direction (2x100GHz tunability) by increasing the
submount temperature to a maximum of 43°C.
[2] For the 10mW version, the minimum laser submount operating temperature is 15°C.
Note:
Devices can be supplied with the leads trimmed to a length of 3.81 mm. Please see Ordering Information section.
Fiber length: 1130mm to 1190mm
Figure 1: Outline Drawing
Reliability/Quality
Meets qualification requirements of Telcordia / Bellcore GR468-Core for central office environment.
Operating reliability <500 FITs1 in 15 years.
1- Assumes laser die submount held at <35°C by internal thermoelectric cooler, mean forward current of 35
mA, and end of life limits based on 10 mA increase in Ith and 25% change in laser efficiency. FIT rate data for
other end of life criteria, including minimum extinction ratio requirements, are available upon request.


Similar Part No. - LC25W4532CAJ34

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25W4532CBJ28 BOOKHAM-LC25W4532CBJ28 Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
LC25W4532CBJ34 BOOKHAM-LC25W4532CBJ34 Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
LC25W4532CBJ57 BOOKHAM-LC25W4532CBJ57 Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
LC25W4532CBJ59 BOOKHAM-LC25W4532CBJ59 Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
More results

Similar Description - LC25W4532CAJ34

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25W-B BOOKHAM-LC25W-B Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
LC25WZ BOOKHAM-LC25WZ Datasheet
218Kb / 5P
   2.5Gb/s Buried Het Laser non-WDM applications
LC25ET BOOKHAM-LC25ET Datasheet
247Kb / 6P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with Etalon Stabilisation and extended reach option
LC25WC BOOKHAM-LC25WC Datasheet
220Kb / 5P
   2.5 Gb/s CWDM Buried Het Laser 80Km reach
LC25T BOOKHAM-LC25T Datasheet
233Kb / 8P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with extended reach option
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Mitsubishi Electric Sem...
ML0131 MITSUBISHI-ML0131 Datasheet
133Kb / 2P
   FOR OPTICAL TRANSMITTER(2.5Gb/s LASER DRIVER)
logo
Vitesse Semiconductor C...
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com