Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC25WC153CGJ57 Datasheet(PDF) 1 Page - Bookham, Inc.

Part # LC25WC153CGJ57
Description  2.5 Gb/s CWDM Buried Het Laser 80Km reach
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC25WC153CGJ57 Datasheet(HTML) 1 Page - Bookham, Inc.

  LC25WC153CGJ57 Datasheet HTML 1Page - Bookham, Inc. LC25WC153CGJ57 Datasheet HTML 2Page - Bookham, Inc. LC25WC153CGJ57 Datasheet HTML 3Page - Bookham, Inc. LC25WC153CGJ57 Datasheet HTML 4Page - Bookham, Inc. LC25WC153CGJ57 Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
1
This laser module provides a fast route to CWDM by providing
a drop in replacement on existing TDM or WDM circuit packs
with minimum redesign and verification work. The product
employs the Bookham strained layer MQW Buried
Heterostructure DFB laser chip, and has been designed
specifically for use in Coarse Wavelength Division Multiplexed
(CWDM) 2.5 Gb/s optical fibre trunk systems. The device is
packaged in a hermetic 14-pin butterfly package incorporating
an isolator and monitor photodiode for control of the power of
the laser over life and all operating conditions.
The device is available with a number of power options
depending on application and link span requirements.
Features:
• Drop in replacement onto TDM and WDM card
• 2.5 Gb/s operation
• Up to 10mW optical output power available
• Narrow spectral line-width
• Internal TEC with precision NTC thermistor for
temperature control
• 1470nm to 1610nm at 20nm compliant to
ITU G.694.2
• Code reduction with single product for reaches
up to 80km
• GaInAsP SLMQW DFB single frequency laser chip
• InGaAs monitor photodiode
• Hermetically sealed 14-pin butterfly package with
optical isolator
• RoHS compliant
Applications:
• CWDM metro
2.5 Gb/s CWDM Buried Het Laser 80Km reach
LC25WC


Similar Part No. - LC25WC153CGJ57

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W-B BOOKHAM-LC25W-B Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
LC25W4532AAJ28 BOOKHAM-LC25W4532AAJ28 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532AAJ34 BOOKHAM-LC25W4532AAJ34 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532AAJ57 BOOKHAM-LC25W4532AAJ57 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
More results

Similar Description - LC25WC153CGJ57

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25T BOOKHAM-LC25T Datasheet
233Kb / 8P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with extended reach option
LC25ET BOOKHAM-LC25ET Datasheet
247Kb / 6P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with Etalon Stabilisation and extended reach option
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W-B BOOKHAM-LC25W-B Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
LC25WZ BOOKHAM-LC25WZ Datasheet
218Kb / 5P
   2.5Gb/s Buried Het Laser non-WDM applications
logo
JDS Uniphase Corporatio...
CT2-MI2LACW11C JDSU-CT2-MI2LACW11C Datasheet
209Kb / 8P
   2.5 Gb/s CWDM SFP Transceiver (Multirate)
logo
Pulse A Technitrol Comp...
SFPPT-CW49-01 PULSE-SFPPT-CW49-01 Datasheet
353Kb / 8P
   10Gb/s CWDM SFP 80km Transceiver
logo
California Eastern Labs
NX8508 CEL-NX8508 Datasheet
383Kb / 5P
   NECs InGaAsP MQW-DFB LASER MODULE IN COAXIAL PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX6508 CEL-NX6508 Datasheet
332Kb / 4P
   NECs InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com