Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC25ETABJ34 Datasheet(PDF) 1 Page - Bookham, Inc.

Part # LC25ETABJ34
Description  2.5 Gb/s Buried Het 4x100GHz Tunable Laser with Etalon Stabilisation and extended reach option
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC25ETABJ34 Datasheet(HTML) 1 Page - Bookham, Inc.

  LC25ETABJ34 Datasheet HTML 1Page - Bookham, Inc. LC25ETABJ34 Datasheet HTML 2Page - Bookham, Inc. LC25ETABJ34 Datasheet HTML 3Page - Bookham, Inc. LC25ETABJ34 Datasheet HTML 4Page - Bookham, Inc. LC25ETABJ34 Datasheet HTML 5Page - Bookham, Inc. LC25ETABJ34 Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
1
This laser module employs the Bookham gain coupled
SLMQW buried heterostructure DFB laser chip, and has been
designed specifically for use in Wavelength Division
Multiplexed (WDM) 2.5 Gb/s long distance optical fibre
trunk systems.
The device is packaged in a hermetically sealed 14-pin
butterfly package incorporating an isolator and locking optics
to lock and stabilise wavelength and power of the laser
over life.
The module is tunable by means of the internal thermo-electric
cooler over four adjacent 100 GHz ITU WDM channels.
The device is available with a number of power options and
wavelength schemes, which are customizable to individual
customer specification. The internal etalon wavelength
stablilisation and low chirp performance makes this product
compliant with 50GHz optical channel spacing.
Features:
• 2.5 Gb/s Operation
• Tunable over four separate channels at 100 GHz
channel spacing
• Integrated wavelength locking optics
• Entire C band ITU wavelengths available
(1528 to 1563 nm)
• Narrow spectral line-width
• Hermetically sealed 14-pin butterfly package with
optical isolator
• Internal TEC with precision NTC thermistor
• Extended reach performance up to 360 km with low
dispersion penalty
• 50GHz optical channel spacing compliant for interlay
or future upgrade
• RoHS compliant
Applications:
• Optical Service Channel (OSC) applications in DWDM
transmission systems using optical amplifiers.
2.5 Gb/s Buried Het 4x100GHz Tunable Laser with
Etalon Stabilisation and extended reach option
LC25ET


Similar Part No. - LC25ETABJ34

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25EW4532AAJ28 BOOKHAM-LC25EW4532AAJ28 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25EW4532AAJ34 BOOKHAM-LC25EW4532AAJ34 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25EW4532AAJ57 BOOKHAM-LC25EW4532AAJ57 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25EW4532AAJ59 BOOKHAM-LC25EW4532AAJ59 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25EW4532ABJ28 BOOKHAM-LC25EW4532ABJ28 Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
More results

Similar Description - LC25ETABJ34

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25T BOOKHAM-LC25T Datasheet
233Kb / 8P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with extended reach option
LC25W-B BOOKHAM-LC25W-B Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
LC25WC BOOKHAM-LC25WC Datasheet
220Kb / 5P
   2.5 Gb/s CWDM Buried Het Laser 80Km reach
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25WZ BOOKHAM-LC25WZ Datasheet
218Kb / 5P
   2.5Gb/s Buried Het Laser non-WDM applications
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20306 ERICSSON-PGT20306 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
logo
Optoway Technology Inc
DL-3100S OPTOWAY-DL-3100S Datasheet
111Kb / 2P
   1310 nm DFB LASER DIODES 2.5 Gb/s MQW-DFB LASER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com