Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT10EW Datasheet(PDF) 1 Page - Bookham, Inc.

Part # MT10EW
Description  24 PIN 10Gb/s Long Reach DWDM Serial Transmitter Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

MT10EW Datasheet(HTML) 1 Page - Bookham, Inc.

  MT10EW Datasheet HTML 1Page - Bookham, Inc. MT10EW Datasheet HTML 2Page - Bookham, Inc. MT10EW Datasheet HTML 3Page - Bookham, Inc. MT10EW Datasheet HTML 4Page - Bookham, Inc. MT10EW Datasheet HTML 5Page - Bookham, Inc. MT10EW Datasheet HTML 6Page - Bookham, Inc. MT10EW Datasheet HTML 7Page - Bookham, Inc. MT10EW Datasheet HTML 8Page - Bookham, Inc. MT10EW Datasheet HTML 9Page - Bookham, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Data Sheet
1
The Bookham MT10EW 10Gb/s LR Transmitter Module is a
1550nm, low power, small footprint 24-pin module enabling
high port density. It is designed to support a SONET / SDH or
10GE interface between the photonics layer and the electrical
layer for applications with reach requirements of 80km or
more. The Transmitter allows convenient direct connection to
system card electrical MUX ASICs, using un-clocked mode of
data transfer.
The transmitter has been designed for Dense Wavelength
Division Multiplexed (DWDM) operation for applications up
to 11.1GB/s.
Low power dissipation coupled with small footprint
significantly simplifies high speed card design. This results in
significant savings in card space and development time, and
greatly improved time to market.
The module provides wavelengths on the 50GHz ITU-T grid in
the C band. It is also available for non-WDM applications that
use a single wavelength. Multi functional hardware alarms and
monitors are also available for systems card and network
management.
The MT10EW LR 24 pin Transmitter Module can be used in
existing OC192 and OC192c ports as well as emerging IEEE
802.3ae 10 Gigabit Ethernet WAN / LAN ports.
The MT10EW LR Transmitter Module is optimised for optical
link spans of 80km+ (based on GR-253, ITU G.691 and IEEE
802/3ae system architectures). Reaches in excess of 80km
may be achieved in proprietary networks.
The compact size, low power Transmitter Module is 24 pin
connectorised for convenient surface mount assembly. The
module comprises a hermetically packaged laser device and
Bookham’s InP Mach-Zehnder modulator Technology with
optical isolation and wavelength stabilisation. This ensures
that the optical source remains within optical power and
wavelength limits over variations in temperature and over life.
A microprocessor coupled with internal circuitry and a
Thermo-Electric Cooler (TEC) controls the operation of the
module and ensures the correct laser temperature to achieve
constant wavelength.
Features:
• Incorporates Bookham InP MZ Technology enabling
superior systems performance.
• +3.5 to +7dBm start of life, over temperature optical
output power window
• Internal microcontroller for TX wavelength, power &
opticalperformance control
• Multi functional hardware alarms and monitors for
systems card and network management
• 2 x 12 way 0.1" x 1.5” pitch electrical interface
• 73.4 x 50.0 x 12.7mm MSA compliant outline
• 24pin MSA compliant
• +3.3V / +5V external power supply rails
• Typical power dissipation 3W
• IEC/EN 60825 Class 1M laser safety classification
• Case operating temperature range -5 to +75C
• RoHS 5/6 compliant
Applications:
• 10Gbps fixed wavelength, Long Reach DWDM serial
transmitter module suitable for 80km+
reach applications
• Suitable for use in 1550nm Long Reach applications
based on Telcordia GR-253, ITU-T G.691and IEEE
802.3ae system architectures
• Multi bit rate performance 9.953
Gb/s (OC192, 10GE WAN),
10.3125 Gb/s (10 GE LAN),
10.664 10.709 11.1 Gb/s (FEC),
24 PIN 10Gb/s Long Reach DWDM Serial
Transmitter Module
MT10EW


Similar Part No. - MT10EW

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MT10-1203S VOLGEN-MT10-1203S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT10-1205S VOLGEN-MT10-1205S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT10-1212S VOLGEN-MT10-1212S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT10-1212W VOLGEN-MT10-1212W Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT10-1215S VOLGEN-MT10-1215S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
More results

Similar Description - MT10EW

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com