Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC25TBAJ57 Datasheet(PDF) 6 Page - Bookham, Inc.

Part # LC25TBAJ57
Description  2.5 Gb/s Buried Het 4x100GHz Tunable Laser with extended reach option
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC25TBAJ57 Datasheet(HTML) 6 Page - Bookham, Inc.

  LC25TBAJ57 Datasheet HTML 1Page - Bookham, Inc. LC25TBAJ57 Datasheet HTML 2Page - Bookham, Inc. LC25TBAJ57 Datasheet HTML 3Page - Bookham, Inc. LC25TBAJ57 Datasheet HTML 4Page - Bookham, Inc. LC25TBAJ57 Datasheet HTML 5Page - Bookham, Inc. LC25TBAJ57 Datasheet HTML 6Page - Bookham, Inc. LC25TBAJ57 Datasheet HTML 7Page - Bookham, Inc. LC25TBAJ57 Datasheet HTML 8Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Data Sheet
Ordering Information (continued)
To order the 85°C case temperature compliant device, the wavelength 2 channels below the required wavelength must
be selected.
See table below.
Lower channel
Upper channel
Wavelength
ITU
Wavelength
ITU
Wavelength
(nm)
Channel No.
(nm)
Channel No.
Code to Order
1527.22
63
1527.99
62
2566
1527.99
62
1528.77
61
2644
1528.77
61
1529.55
60
2722
1529.55
60
1530.33
59
2799
1530.33
59
1531.12
58
2877
1531.12
58
1531.90
57
2955
1531.90
57
1532.68
56
3033
1532.68
56
1533.47
55
3112
1533.47
55
1534.25
54
3190
1534.25
54
1535.04
53
3268
1535.04
53
1535.82
52
3347
1535.82
52
1536.61
51
3425
1536.61
51
1537.40
50
3504
1537.40
50
1538.19
49
3582
1538.19
49
1538.98
48
3661
1538.98
48
1539.77
47
3740
1539.77
47
1540.56
46
3819
1540.56
46
1541.35
45
3898
1541.35
45
1542.14
44
3977
1542.14
44
1542.94
43
4056
1542.94
43
1543.73
42
4135
1543.73
42
1544.53
41
4214
1544.53
41
1545.32
40
4294
1545.32
40
1546.12
39
4373
1546.12
39
1546.92
38
4453
1546.92
38
1547.72
37
4532
1547.72
37
1548.51
36
4612
1548.51
36
1549.32
35
4692
1549.32
35
1550.12
34
4772
1550.12
34
1550.92
33
4851


Similar Part No. - LC25TBAJ57

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
LC2504-P9 UNSEMI-LC2504-P9 Datasheet
3Mb / 5P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
logo
Shanghai Leiditech Elec...
LC2504P8 LEIDITECH-LC2504P8 Datasheet
373Kb / 3P
   USB 2.0 power and data line
LC2504P8 LEIDITECH-LC2504P8 Datasheet
317Kb / 3P
   LOW CAPACITANCE TVS DIODE ARRAY
LC2504P8 LEIDITECH-LC2504P8_V01 Datasheet
317Kb / 3P
   LOW CAPACITANCE TVS DIODE ARRAY
LC2508P8 LEIDITECH-LC2508P8 Datasheet
258Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR ETHERNET PROTECTION
More results

Similar Description - LC25TBAJ57

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25ET BOOKHAM-LC25ET Datasheet
247Kb / 6P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with Etalon Stabilisation and extended reach option
LC25WC BOOKHAM-LC25WC Datasheet
220Kb / 5P
   2.5 Gb/s CWDM Buried Het Laser 80Km reach
LC25W-B BOOKHAM-LC25W-B Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25WZ BOOKHAM-LC25WZ Datasheet
218Kb / 5P
   2.5Gb/s Buried Het Laser non-WDM applications
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20306 ERICSSON-PGT20306 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
logo
Optoway Technology Inc
DL-3100S OPTOWAY-DL-3100S Datasheet
111Kb / 2P
   1310 nm DFB LASER DIODES 2.5 Gb/s MQW-DFB LASER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com