Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT10EW2838AAA-J28 Datasheet(PDF) 5 Page - Bookham, Inc.

Part # MT10EW2838AAA-J28
Description  24 PIN 10Gb/s Long Reach DWDM Serial Transmitter Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

MT10EW2838AAA-J28 Datasheet(HTML) 5 Page - Bookham, Inc.

  MT10EW2838AAA-J28 Datasheet HTML 1Page - Bookham, Inc. MT10EW2838AAA-J28 Datasheet HTML 2Page - Bookham, Inc. MT10EW2838AAA-J28 Datasheet HTML 3Page - Bookham, Inc. MT10EW2838AAA-J28 Datasheet HTML 4Page - Bookham, Inc. MT10EW2838AAA-J28 Datasheet HTML 5Page - Bookham, Inc. MT10EW2838AAA-J28 Datasheet HTML 6Page - Bookham, Inc. MT10EW2838AAA-J28 Datasheet HTML 7Page - Bookham, Inc. MT10EW2838AAA-J28 Datasheet HTML 8Page - Bookham, Inc. MT10EW2838AAA-J28 Datasheet HTML 9Page - Bookham, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet
5
Maximum and/or minimum values of critical parameters which will not
permanently damage the device, but for which the spec may not hold.
Typical headings are:
Absolute Maximum Ratings
Parameter
Description
Min
Max
Unit
Storage temperature
[1]
-40
+85
ºC
R
H
Storage relative humidity
[2]
595
%
Minimum fiber bend radius
30
mm
V
CC
Positive supply voltage
-0.3
+6
V
V
TEC
TEC supply voltage
-0.3
+6
V
V
RFDC
Input data and clock DC voltage
-0.3
VCC
V
TXEN
TX disable input
-0.3
VCC
ESD
ESD resistance
[3]
Class 2
400
V
precautions[4]
Notes:
[1] Non operational.
[2] Non condensing.
[3] Human body model.
[4] In accordance with Telcordia TR-NWT-000870, ESD class 2.
Applications Support
The following documents are available to support customers using this product:
Component Mounting Recommendations For the 24 pin Long Reach
AN0145
Serial Transmitter Module.
Characterisation of the 24 pin Long Reach Serial Transmitter Module
ANxxxx
in typical optical system.
Evaluation platform for the 24 pin Long Reach Serial Transmitter Module
AN0144
Optical component evaluation platforms are available for all Bookham optical components.
Contact your regional sales representative for further information.
Power Supply Filtering Recommendations
Care should be taken when placing PCB power transmission tracks and adding additional filtering components as
these may affect module operation. It is recommended that any series inductance integrated within external power
supply filters are limited to 4.7uH max.


Similar Part No. - MT10EW2838AAA-J28

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MT10-1203S VOLGEN-MT10-1203S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT10-1205S VOLGEN-MT10-1205S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT10-1212S VOLGEN-MT10-1212S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT10-1212W VOLGEN-MT10-1212W Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT10-1215S VOLGEN-MT10-1215S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
More results

Similar Description - MT10EW2838AAA-J28

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com