Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC25WZBJ-J59 Datasheet(PDF) 4 Page - Bookham, Inc.

Part # LC25WZBJ-J59
Description  2.5Gb/s Buried Het Laser non-WDM applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC25WZBJ-J59 Datasheet(HTML) 4 Page - Bookham, Inc.

  LC25WZBJ-J59 Datasheet HTML 1Page - Bookham, Inc. LC25WZBJ-J59 Datasheet HTML 2Page - Bookham, Inc. LC25WZBJ-J59 Datasheet HTML 3Page - Bookham, Inc. LC25WZBJ-J59 Datasheet HTML 4Page - Bookham, Inc. LC25WZBJ-J59 Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet
4
Pin 6 TEC (+), Pin 7 TEC (-)
Applying a positive voltage on pin 6 with respect to pin 7 will cause the internal submount to be cooled relative to the case
temperature. Reversing the polarity will raise the submount temperature relative to the case. The TEC supply should be capable of
delivering up to 0.9A at 2.4V.
Pin 8, 9, 11, 13 Case ground
These pins must be grounded in all applications
Pin 10
This pin is not connected and should be grounded if possible
Pin 12 Laser modulation (-)
The data input (modulation current) is applied via this pin which is a nominal 25
impedance coplanar line. For 10mW applications
the end of life modulation current is 90mA maximum. For all other applications 60mA maximum modulation current should be
provisioned.
Pin 14 N/C
This pin is not connected. It should be grounded if possible.
Safety Information
Laser safety classifications:
IEC 60825-1: Edition 1.2 Class 1M
21 CFR Ch.1 (4-1-97 Edition) Class IIIb
Electrostatic discharge:
ESD threshold >500V
A-TSY-000870 class 3.
Pin #
Function
Pin #
Function
1
Thermistor
8
Case Ground
2
Thermistor
9
Case Ground
3
Laser DC bias (-)
10
Not Connected
4
Monitor Anode (-)
11
Case Ground
5
Monitor Cathode (+)
12
Laser Modulation (-)
6
TEC (+)
13
Case Ground
7
TEC (-)
14
Not Connected


Similar Part No. - LC25WZBJ-J59

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W-B BOOKHAM-LC25W-B Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
LC25W4532AAJ28 BOOKHAM-LC25W4532AAJ28 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532AAJ34 BOOKHAM-LC25W4532AAJ34 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532AAJ57 BOOKHAM-LC25W4532AAJ57 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
More results

Similar Description - LC25WZBJ-J59

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W-B BOOKHAM-LC25W-B Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
LC25WC BOOKHAM-LC25WC Datasheet
220Kb / 5P
   2.5 Gb/s CWDM Buried Het Laser 80Km reach
LC25T BOOKHAM-LC25T Datasheet
233Kb / 8P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with extended reach option
LC25ET BOOKHAM-LC25ET Datasheet
247Kb / 6P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with Etalon Stabilisation and extended reach option
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Mitsubishi Electric Sem...
ML0131 MITSUBISHI-ML0131 Datasheet
133Kb / 2P
   FOR OPTICAL TRANSMITTER(2.5Gb/s LASER DRIVER)
logo
Vitesse Semiconductor C...
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com