Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC25ETCBJ59 Datasheet(PDF) 4 Page - Bookham, Inc.

Part # LC25ETCBJ59
Description  2.5 Gb/s Buried Het 4x100GHz Tunable Laser with Etalon Stabilisation and extended reach option
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC25ETCBJ59 Datasheet(HTML) 4 Page - Bookham, Inc.

  LC25ETCBJ59 Datasheet HTML 1Page - Bookham, Inc. LC25ETCBJ59 Datasheet HTML 2Page - Bookham, Inc. LC25ETCBJ59 Datasheet HTML 3Page - Bookham, Inc. LC25ETCBJ59 Datasheet HTML 4Page - Bookham, Inc. LC25ETCBJ59 Datasheet HTML 5Page - Bookham, Inc. LC25ETCBJ59 Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet
4
Pin 1 and Pin 2 Thermistor
The thermistor is used in a control loop in conjunction with the thermo-electric cooler to maintain the laser submount
temperature at the required value for wavelength. Operating current should be less than 100 µA to prevent
self-heating errors.
Pin 3 Laser DC bias (-)
Laser bias current (negative with respect to package ground) is applied via this pin which forms one side of the bias-T
connection to the laser cathode.
Pin 4 +10 Monitor anodes, Pin 5 Monitor cathode
Monitor diodes are arranged in the package such that they give an equal monitor current when the laser wavelength is
matched to the ITU grid. A reverse bias must be applied equally across each of the monitors, this is commonly
achieved by applying 10 V to Pin 5.
Pin 6 TEC (+), Pin 7 TEC (-)
Applying a positive voltage on pin 6 with respect to pin 7 will cause the internal submount to be cooled relative to the
case temperature. Reversing the polarity will raise the submount temperature relative to the case. The TEC supply
should be capable of delivering up to 1.0 A at 2.4 V.
Pin 8, 9, 11, 13 Case ground
These pins must be grounded in all applications.
Pin 12 Laser modulation (-)
The data input (modulation current) is applied via this pin which is a nominal 25 Ohm impedance coplanar line.
For 10mW applications the end of life modulation current is 90mA maximum. For all other applications 60mA
maximum modulation current should be provisioned.
Pin 14 N/C
This pin is not connected. It should be grounded if possible.
Instructions for use – LC25ET
Pin #
Function
Pin #
Function
1
Thermistor
8
Case ground
2
Thermistor
9
Case ground
3
Laser DC bias (-)
10
Monitor long anode (-)
4
Monitor short anode (-)
11
Laser case ground
5
Monitor cathode (+)
12
Laser modulation (-)
6
TEC (+)
13
Laser case ground
7
TEC (-)
14
N/C
Connections
Figure 2: Schematic Diagram.


Similar Part No. - LC25ETCBJ59

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25EW4532AAJ28 BOOKHAM-LC25EW4532AAJ28 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25EW4532AAJ34 BOOKHAM-LC25EW4532AAJ34 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25EW4532AAJ57 BOOKHAM-LC25EW4532AAJ57 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25EW4532AAJ59 BOOKHAM-LC25EW4532AAJ59 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25EW4532ABJ28 BOOKHAM-LC25EW4532ABJ28 Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
More results

Similar Description - LC25ETCBJ59

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25T BOOKHAM-LC25T Datasheet
233Kb / 8P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with extended reach option
LC25W-B BOOKHAM-LC25W-B Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
LC25WC BOOKHAM-LC25WC Datasheet
220Kb / 5P
   2.5 Gb/s CWDM Buried Het Laser 80Km reach
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25WZ BOOKHAM-LC25WZ Datasheet
218Kb / 5P
   2.5Gb/s Buried Het Laser non-WDM applications
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20306 ERICSSON-PGT20306 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
logo
Optoway Technology Inc
DL-3100S OPTOWAY-DL-3100S Datasheet
111Kb / 2P
   1310 nm DFB LASER DIODES 2.5 Gb/s MQW-DFB LASER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com