Electronic Components Datasheet Search |
|
LC25ETCBJ59 Datasheet(PDF) 1 Page - Bookham, Inc. |
|
LC25ETCBJ59 Datasheet(HTML) 1 Page - Bookham, Inc. |
1 / 6 page Data Sheet 1 This laser module employs the Bookham gain coupled SLMQW buried heterostructure DFB laser chip, and has been designed specifically for use in Wavelength Division Multiplexed (WDM) 2.5 Gb/s long distance optical fibre trunk systems. The device is packaged in a hermetically sealed 14-pin butterfly package incorporating an isolator and locking optics to lock and stabilise wavelength and power of the laser over life. The module is tunable by means of the internal thermo-electric cooler over four adjacent 100 GHz ITU WDM channels. The device is available with a number of power options and wavelength schemes, which are customizable to individual customer specification. The internal etalon wavelength stablilisation and low chirp performance makes this product compliant with 50GHz optical channel spacing. Features: • 2.5 Gb/s Operation • Tunable over four separate channels at 100 GHz channel spacing • Integrated wavelength locking optics • Entire C band ITU wavelengths available (1528 to 1563 nm) • Narrow spectral line-width • Hermetically sealed 14-pin butterfly package with optical isolator • Internal TEC with precision NTC thermistor • Extended reach performance up to 360 km with low dispersion penalty • 50GHz optical channel spacing compliant for interlay or future upgrade • RoHS compliant Applications: • Optical Service Channel (OSC) applications in DWDM transmission systems using optical amplifiers. 2.5 Gb/s Buried Het 4x100GHz Tunable Laser with Etalon Stabilisation and extended reach option LC25ET |
Similar Part No. - LC25ETCBJ59 |
|
Similar Description - LC25ETCBJ59 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |