Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC25EW4532CBJ59 Datasheet(PDF) 6 Page - Bookham, Inc.

Part # LC25EW4532CBJ59
Description  2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC25EW4532CBJ59 Datasheet(HTML) 6 Page - Bookham, Inc.

  LC25EW4532CBJ59 Datasheet HTML 1Page - Bookham, Inc. LC25EW4532CBJ59 Datasheet HTML 2Page - Bookham, Inc. LC25EW4532CBJ59 Datasheet HTML 3Page - Bookham, Inc. LC25EW4532CBJ59 Datasheet HTML 4Page - Bookham, Inc. LC25EW4532CBJ59 Datasheet HTML 5Page - Bookham, Inc. LC25EW4532CBJ59 Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Data Sheet
6
BH13087 Rev 1.0 January 2007.
©Bookham 2006. Bookham is a registered trademark of Bookham Inc.
Ordering Information:
LC25
[Etalon Option]
[Wavelength]
[Power Option]
[Reach]
[Connector]
W = none
****
E = 2 mWpk
B = 360km -
J28 = SC/PC
EW = Etalon
C = 3 mWpk
J34 = FC/PC
A = 4 mWpk
J57 = LC
B = 7 mWpk
J59 = MU
**** = Last four digits of wavelength value E.g. for lp = 1545.32nm **** = 4532
Product without locker can be tuned onto the next 100GHz ITU channel in the red shift direction (2x100GHz
tunability) i.e. an LC25W4135CB-J28 can be tuned to service the 1542.14nm ITU channel.
Other connector types are available on request.
E.g. LC25W4532BB-J28 is a 7mW 1545.32 nm device with an SC connector for use in a 360km application.
E.g. LC25EW4532EB-J28 is a 2mW 1545.32 nm device with an SC connector for use in a 360km application
with optional Etalon stabilization.
Trimmed lead option
Devices can be supplied with the leads trimmed to a length of 3.81mm typ.
This option can be specified by adding a ‘K’ suffix after the reach option.
E.g. LC25W4532BAK-J28 is a 10mW 1545.32nm device with an SC connector and a lead length of 3.81mm
typical, for use in a 175km application.
Important Notice
Performance figures, data and any illustrative material
provided in this data sheet are typical and must be
specifically confirmed in writing by Bookham before
they become applicable to any particular order or
contract. In accordance with the Bookham policy of
continuous improvement specifications may change
without notice. The publication of information in this
data sheet does not imply freedom from patent or other
protective rights of Bookham or others. Further details
are available from any Bookham sales representative.
Contact Information
North America
Bookham Worldwide
Headquarters
2584 Junction Ave.
San Jose
CA 95134
USA
• Tel: +1 408 919 1500
• Fax: +1 408 919 6083
www.bookham.com
sales@bookham.com
Europe
Paignton Office
Brixham Road
Paignton
Devon
TQ4 7BE
United Kingdom
• Tel: +44 (0) 1803 66 2000
• Fax: +44 (0) 1803 66 2801
Asia
Shenzhen Office
2 Phoenix Road
Futian Free Trade Zone
Shenzhen 518038
China
• Tel: +86 755 33305888
• Fax: +86 755 33305805
+86 755 33305807
REFERENCE IEC 60825-1: Edition 1.2
INVISIBLE LASER RADIATION
DO NOT VIEW DIRECTLY WITH
OPTICAL INSTRUMENTS
CLASS 1M LASER
DANGER
OUTPUT POWER 21mW
WAVELENGTH >1510nm
CLASS IIIb LASER PRODUCT
INVISIBLE LASER RADIATION
AVOID DIRECT
EXPOSURE TO BEAM
THIS PRODUCT COMPLIES
WITH 21 CFR 1040.10
Caution - use of controls or
adjustments or performance
of procedures other than those
specified herein may result in
hazardous radiation exposure.
RoHS Compliance
Bookham is fully committed to environment
protection and sustainable development and has
set in place a comprehensive program for
removing polluting and hazardous substances from
all of its products. The relevant evidence of RoHS
compliance is held as part of our controlled
documentation for each of our compliant products.
RoHS compliance parts are available to order,
please refer to the ordering information section for
further details.
ISO14001:1996
EMS 504193
TL9000 Rev 3.0 (ISO9001:2000)
FM15040


Similar Part No. - LC25EW4532CBJ59

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25EW4532CAJ28 BOOKHAM-LC25EW4532CAJ28 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25EW4532CAJ34 BOOKHAM-LC25EW4532CAJ34 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25EW4532CAJ57 BOOKHAM-LC25EW4532CAJ57 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25EW4532CAJ59 BOOKHAM-LC25EW4532CAJ59 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
More results

Similar Description - LC25EW4532CBJ59

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25ET BOOKHAM-LC25ET Datasheet
247Kb / 6P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with Etalon Stabilisation and extended reach option
LC25T BOOKHAM-LC25T Datasheet
233Kb / 8P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with extended reach option
LC25WZ BOOKHAM-LC25WZ Datasheet
218Kb / 5P
   2.5Gb/s Buried Het Laser non-WDM applications
LC25WC BOOKHAM-LC25WC Datasheet
220Kb / 5P
   2.5 Gb/s CWDM Buried Het Laser 80Km reach
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Mitsubishi Electric Sem...
ML0131 MITSUBISHI-ML0131 Datasheet
133Kb / 2P
   FOR OPTICAL TRANSMITTER(2.5Gb/s LASER DRIVER)
logo
Vitesse Semiconductor C...
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com