Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC25W4532BBJ59 Datasheet(PDF) 5 Page - Bookham, Inc.

Part # LC25W4532BBJ59
Description  2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC25W4532BBJ59 Datasheet(HTML) 5 Page - Bookham, Inc.

  LC25W4532BBJ59 Datasheet HTML 1Page - Bookham, Inc. LC25W4532BBJ59 Datasheet HTML 2Page - Bookham, Inc. LC25W4532BBJ59 Datasheet HTML 3Page - Bookham, Inc. LC25W4532BBJ59 Datasheet HTML 4Page - Bookham, Inc. LC25W4532BBJ59 Datasheet HTML 5Page - Bookham, Inc. LC25W4532BBJ59 Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet
5
Connections
Without Etalon
With Etalon
Pin
Function
Pin
Function
1
Thermistor
1
Thermistor
2
Thermistor
2
Thermistor
3
Laser DC bias (-)
3
Laser DC bias (-)
4
Monitor Anode (-)
4
Monitor Short Anode (-)
5
Monitor Cathode (+)
5
Monitor Cathode (+)
6
TEC (+)
6
TEC (+)
7
TEC (-)
7
TEC (-)
8
Case Ground
8
Case Ground
9
Case Ground
9
Case Ground
10
Not Connected
10
Monitor Long Anode (-)
11
Case Ground
11
Case Ground
12
Laser Modulation (-)
12
Laser Modulation (-)
13
Case Ground
13
Case Ground
14
Not Connected
14
Not Connected
Safety Information
Laser safety classifications:
IEC 60825-1:Edition 1.2 Class 1M
21 CFR Ch.1 (4-1-97 Edition) Class IIIb
Electrostatic discharge:
ESD threshold >500V
TA-TSY-000870 class 3.


Similar Part No. - LC25W4532BBJ59

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25W4532BAJ28 BOOKHAM-LC25W4532BAJ28 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532BAJ34 BOOKHAM-LC25W4532BAJ34 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532BAJ57 BOOKHAM-LC25W4532BAJ57 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532BAJ59 BOOKHAM-LC25W4532BAJ59 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
More results

Similar Description - LC25W4532BBJ59

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25ET BOOKHAM-LC25ET Datasheet
247Kb / 6P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with Etalon Stabilisation and extended reach option
LC25T BOOKHAM-LC25T Datasheet
233Kb / 8P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with extended reach option
LC25WZ BOOKHAM-LC25WZ Datasheet
218Kb / 5P
   2.5Gb/s Buried Het Laser non-WDM applications
LC25WC BOOKHAM-LC25WC Datasheet
220Kb / 5P
   2.5 Gb/s CWDM Buried Het Laser 80Km reach
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Mitsubishi Electric Sem...
ML0131 MITSUBISHI-ML0131 Datasheet
133Kb / 2P
   FOR OPTICAL TRANSMITTER(2.5Gb/s LASER DRIVER)
logo
Vitesse Semiconductor C...
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com