Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT10EW2877AAA-J59 Datasheet(PDF) 7 Page - Bookham, Inc.

Part # MT10EW2877AAA-J59
Description  24 PIN 10Gb/s Long Reach DWDM Serial Transmitter Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

MT10EW2877AAA-J59 Datasheet(HTML) 7 Page - Bookham, Inc.

Back Button MT10EW2877AAA-J59 Datasheet HTML 2Page - Bookham, Inc. MT10EW2877AAA-J59 Datasheet HTML 3Page - Bookham, Inc. MT10EW2877AAA-J59 Datasheet HTML 4Page - Bookham, Inc. MT10EW2877AAA-J59 Datasheet HTML 5Page - Bookham, Inc. MT10EW2877AAA-J59 Datasheet HTML 6Page - Bookham, Inc. MT10EW2877AAA-J59 Datasheet HTML 7Page - Bookham, Inc. MT10EW2877AAA-J59 Datasheet HTML 8Page - Bookham, Inc. MT10EW2877AAA-J59 Datasheet HTML 9Page - Bookham, Inc. MT10EW2877AAA-J59 Datasheet HTML 10Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet
7
- GND / GND-TEC:
Ground reference pin and package potential. All voltages are referred to this node.
- V
CC:
General positive power supply of the module. Typical value : + 5.0 V.
- V
TEC:
TEC (Thermo-Electrical Cooler) supply. Typical value + 3.3 V.
- DATAP / DATAN (Data inputs):
NRZ data input, internally AC coupled with 50 ohm internal termination. A logical "1" of D is related to a light on state on the optical fibre.
Data line is retimed at the input of the module by the input clock signal when the function is selected.
In case of operation in the transparent mode of the transmitter no internal signal regeneration function is provided.
Input impedance: 50 V typical.
- CLKP / CLKN (Clock inputs):
Clock inputs internally AC coupled with 50 ohm internal termination. The rising edge of the clock+ signal must be central to the
steady state of the data pattern.
Input impedance: 50 V typical.
- TXDIS (TX disable input):
Under shutdown condition the output power should be low enough so that any receiver, in minimum span condition,
will generate an LPA (Loss of Power Alarm).
When TXDIS is high the TX module is disabled (no optical output power).
When TXDIS is low (or open) the TX module is in the operating condition.
TTL compatible input. Input includes pull down resistance of 100 kV typical.
- CSEL (Selection of data input clocking mode - future enhanced feature):
When CSEL is high the module operates in the non clocked mode, this is the supported operational mode for the MT10EW.
TLL compatible input. Pull down resistance of 100 kV typically.
- LDA (Laser degradation alarm):
Digital alarm indicating that the laser is degraded. LDA activation
ISOL +/-20%, hysteresis +/-10mA
The active level is a low level.
The alarm shall not be activated in shutdown condition.
TTL compatible output.
- LTDA (Laser temperature degraded alarm):
Alarm indicating when the laser temperature exceeds the recommended operational limits. LTDA activation T
SOL +/-2°C,
hysteresis +/-0.5°C.
The active level is a high level.
TTL compatible output.
- PWR_MON (Back Facet Monitor):
Laser back facet monitor derived voltage. This monitor produces a scaled varying analogue voltage that tracks the transmitted
optical output power.
Output impedance < 10 V typically.
- NUC:
No user connection, this pin can be tied to any static potential within the operating supply range.
- I2C & GUI interface (future enhanced feature):
The module includes an I2C interface bus which enables the user to interogate the module alarms and monitors using a host controller.
- Wavelength drift alarm (future enhanced feature):
An option exist to provide a wavelength drift alarm using the LTDA alarm port, which activates when the laser wavelength
exceeds +/-30pm of the SOL (start of life) value.
Instructions for use


Similar Part No. - MT10EW2877AAA-J59

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MT10-1203S VOLGEN-MT10-1203S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT10-1205S VOLGEN-MT10-1205S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT10-1212S VOLGEN-MT10-1212S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT10-1212W VOLGEN-MT10-1212W Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT10-1215S VOLGEN-MT10-1215S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
More results

Similar Description - MT10EW2877AAA-J59

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com