Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3086AM Datasheet(PDF) 11 Page - International Rectifier

Part # IR3086AM
Description  XPHASETM PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3086AM Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3086AM Datasheet HTML 7Page - International Rectifier IR3086AM Datasheet HTML 8Page - International Rectifier IR3086AM Datasheet HTML 9Page - International Rectifier IR3086AM Datasheet HTML 10Page - International Rectifier IR3086AM Datasheet HTML 11Page - International Rectifier IR3086AM Datasheet HTML 12Page - International Rectifier IR3086AM Datasheet HTML 13Page - International Rectifier IR3086AM Datasheet HTML 14Page - International Rectifier IR3086AM Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
IR3086A
IR3086A THEORY OF OPERATION
Block Diagram
The Block diagram of the IR3086A is shown in Fig. 6, and specific features are discussed in the following sections.
VCC
VDAC
BIASIN
SCOMP
VDAC
20mV
RAMP
SLOPE
ADJUST
VOLTAGE
PROPORTIONAL
TO ABSOLUTE
TEMPERATURE
ENABLE
FAULT
COMPARATOR
+
-
+
-
+
-
+
-
+
-
10K
+
-
RMPIN+
VCC
EAIN
RMPIN-
SCOMP
PWMRMP
ISHARE
GATEH
LGND
BIASIN
PGND
VCCH
VCCL
CSIN+
GATEL
PHSFLT
VRHOT
HOTSET
CSIN-
DACIN
INTERNAL
CIRCUIT
BIAS
SHARE
ADJUST
ERROR
AMP
CLOCK
PULSE
GENERATOR
RAMP
COMPARATOR
SYSTEM
REFERENCE
VOLTAGE
BODY BRAKING
COMPARATOR
R
S
DOMINANT
PWM
COMPARATOR
RESET
PWM
LATCH
ENABLE
OVP
COMPARATOR
2V
X34
CURRENT
SENSE
AMP
GATE
NON-OVERLAP
COMPARATORS
X
0.91
125mV
RAMP
DISCHARGE
CLAMP
VDAC
+
+
VRHOT
COMPARATOR
Figure 6 – IR3086A Block Diagram
Tri-State Gate Drivers
The gate drivers can deliver up to 3A peak current. An adaptive non-overlap circuit monitors the voltage on the
GATEH and GATEL pins to prevent MOSFET shoot-through current while minimizing body diode conduction.
An Enable signal is provided by the Control IC to the Phase IC without the addition of a dedicated signal line. The
Error Amplifier output of the Control IC drives low in response to any fault condition such as input under voltage or
output overload. The IR3086A Body Braking
TM comparator detects this and drives both gate outputs low. This tri-
state operation prevents negative inductor current and negative output voltage during power-down.
The Gate Drivers revert to a high impedance “off” state if VCCL and VCCH supply voltages are below the normal
operating range. An 80kΩ resistor is connected across the GATEH/GATEL and PGND pins to prevent the
GATEH/GATEL voltage from rising due to leakage or other causes under these conditions.
Over Voltage Protection (OVP)
The IR3086A includes over-voltage protection that turns on the low side MOSFET to protect the load in the event of
a shorted high-side MOSFET or connection of the converter output to an excessive output voltage. A comparator
monitors the voltage at the CSIN- pin which is usually connected directly to the converter output. If the voltage
exceeds the DACIN voltage plus 125mV typical (100mV minimum and 160mV maximum) the GATEL pin drives
high. The OVP circuit overrides the normal PWM operation and will fully turn-on the low side MOSFET within
approximately 150ns. The low side MOSFET will remain ON until the over-voltage condition ceases.
Page 11 of 33
1/31/05


Similar Part No. - IR3086AM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3086AMPBF IRF-IR3086AMPBF Datasheet
541Kb / 33P
   XPHASE PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3086AMTRPBF IRF-IR3086AMTRPBF Datasheet
541Kb / 33P
   XPHASE PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
More results

Similar Description - IR3086AM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3088A IRF-IR3088A_05 Datasheet
1Mb / 33P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088A IRF-IR3088A Datasheet
1Mb / 34P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088APBF IRF-IR3088APBF Datasheet
558Kb / 34P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3087PBF IRF-IR3087PBF Datasheet
1Mb / 35P
   XPHASETM PHASE IC WITH OPTI-PHASETM, OVP, AND OVERTEMP DETECT
IR3086 IRF-IR3086 Datasheet
417Kb / 15P
   PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3086APBF IRF-IR3086APBF Datasheet
541Kb / 33P
   XPHASE PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3088 IRF-IR3088 Datasheet
1Mb / 34P
   XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3087 IRF-IR3087 Datasheet
1Mb / 35P
   XPHASE PHASE IC WITH OPTI-PHASE, OVP, AND OVERTEMP DETECT
IR3080PBF IRF-IR3080PBF Datasheet
1Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3080 IRF-IR3080 Datasheet
2Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com