Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC96P76-20R Datasheet(PDF) 3 Page - Bookham, Inc.

Part # LC96P76-20R
Description  High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC96P76-20R Datasheet(HTML) 3 Page - Bookham, Inc.

  LC96P76-20R Datasheet HTML 1Page - Bookham, Inc. LC96P76-20R Datasheet HTML 2Page - Bookham, Inc. LC96P76-20R Datasheet HTML 3Page - Bookham, Inc. LC96P76-20R Datasheet HTML 4Page - Bookham, Inc. LC96P76-20R Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data Sheet
3
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Operating temperature
-20
75
°C
Storage temperature
-40
85
°C
Laser forward current
1200
mA
Centre wavelength
λ
c
2
V
Heatpump current
2.2
A
Lead soldering temperature (10s max)
260
°C
Fibre bend radius
30
mm
Package Outline Drawing and Dimensions
Dimensions (mm)
Figure 1: Package Outline Drawing and Dimensions (mm)
Fiber Specification
Nufern PM980-HP or equivalent 250µm primary coated.


Similar Part No. - LC96P76-20R

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC96A1060 BOOKHAM-LC96A1060 Datasheet
288Kb / 4P
   400mW 1060nm / 1070nm High Power Laser Diode Module
LC96A1060-20R BOOKHAM-LC96A1060-20R Datasheet
288Kb / 4P
   400mW 1060nm / 1070nm High Power Laser Diode Module
LC96A1070-20R BOOKHAM-LC96A1070-20R Datasheet
288Kb / 4P
   400mW 1060nm / 1070nm High Power Laser Diode Module
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
   ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
LC96UB74-20R BOOKHAM-LC96UB74-20R Datasheet
160Kb / 5P
   ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
More results

Similar Description - LC96P76-20R

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 400mW
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
   ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
   980nm Pump Laser Module, Uncooled
LC95A76ULR BOOKHAM-LC95A76ULR Datasheet
213Kb / 4P
   976nm Laser Module Stabilized with Narrow-Bandwidth Grating
logo
List of Unclassifed Man...
LD098T ETC2-LD098T Datasheet
194Kb / 4P
   980nm High-Power Laser Diode
logo
Agere Systems
269-1 AGERE-269-1 Datasheet
85Kb / 8P
   269-Type 14xx nm Pump Laser Module with Fiber Grating
logo
JDS Uniphase Corporatio...
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com