Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM400DY-66H Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CM400DY-66H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM400DY-66H Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CM400DY-66H Datasheet HTML 1Page - Powerex Power Semiconductors CM400DY-66H Datasheet HTML 2Page - Powerex Power Semiconductors CM400DY-66H Datasheet HTML 3Page - Powerex Power Semiconductors CM400DY-66H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feb. 2000
HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
MITSUBISHI HVIGBT MODULES
CM400DY-66H
HIGH POWER SWITCHING USE
INSULATED TYPE
PERFORMANCE CURVES
100
23
10–1
57 100 23 5 7 101 23 5 7 102
102
7
5
3
2
101
7
5
3
2
7
5
3
2
10–1
CAPACITANCE VS. VCE
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
Cies
Coes
Cres
VGE = 0V, Tj = 25
°C
Cies, Coes : f = 100kHz
Cres
: f = 1MHz
OUTPUT CHARACTERISTICS
(TYPICAL)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-EMITTER VOLTAGE VGE (V)
COLLECTOR CURRENT IC (A)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
EMITTER-COLLECTOR VOLTAGE VEC (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
05
4
3
2
1
102
104
7
5
3
2
103
7
5
3
2
7
5
3
2
101
Tj=25
°C
800
400
200
0
10
0
246
8
600
Tj=25
°C
VGE=13V
VGE=12V
VGE=11V
VGE=10V
VGE=9V
VGE=8V
VGE=7V
VGE=14V
VGE=15V
VGE=20V
0
8
6
4
2
0
200
400
600
800
VGE=15V
Tj = 25
°C
Tj = 125
°C
800
400
200
0
600
20
04
8
12
16
VCE=10V
Tj = 25
°C
Tj = 125
°C
COLLECTOR-EMITTER SATURATION VOLTAGE VCE(sat) (V)
020
16
12
8
4
10
8
6
4
2
0
GATE-EMITTER VOLTAGE VGE (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
Tj = 25
°C
IC = 400A
IC = 800A
IC = 160A


Similar Part No. - CM400DY-66H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM400DY-66H MITSUBISHI-CM400DY-66H Datasheet
49Kb / 4P
   HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
More results

Similar Description - CM400DY-66H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com