Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7845SE Datasheet(PDF) 6 Page - Analog Devices

Part # AD7845SE
Description  LC2MOS Complete 12-Bit Multiplying DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7845SE Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7845SE Datasheet HTML 2Page - Analog Devices AD7845SE Datasheet HTML 3Page - Analog Devices AD7845SE Datasheet HTML 4Page - Analog Devices AD7845SE Datasheet HTML 5Page - Analog Devices AD7845SE Datasheet HTML 6Page - Analog Devices AD7845SE Datasheet HTML 7Page - Analog Devices AD7845SE Datasheet HTML 8Page - Analog Devices AD7845SE Datasheet HTML 9Page - Analog Devices AD7845SE Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7845
REV. B
–6–
PIN FUNCTION DESCRIPTION (DIP)
Pin
Mnemonic
Description
1VOUT
Voltage Output Terminal
2-11
DB11–DB2
Data Bit 11 (MSB) to Data Bit 2
12
DGND
Digital Ground. The metal lid on the ceramic package is connected to this pin
13-14
DB1–DB0
Data Bit 1 to Data Bit 0 (LSB)
15
WR
Write Input. Active low
16
CS
Chip Select Input. Active low
17
VREF
Reference Input Voltage which can be an ac or dc signal
18
AGND
Analog Ground. This is the reference point for external analog circuitry
19
VSS
Negative power supply for the output amplifier (nominal –12 V to +15 V)
20
VDD
Positive power supply (nominal +12 V to +15 V)
21
RA
Application resistor. RA = 4 RFB
22
RB
Application resistor. RB = 2 RFB
23
RC
Application resistor. RC = 2 RFB
24
RFB
Feedback resistor in the DAC. For normal operation this is connected to VOUT
CIRCUIT INFORMATION
Digital Section
Figure 11 is a simplified circuit diagram of the AD7845 input
control logic. When
CS and WR are both low, the DAC latch is
loaded with the data on the data inputs. All the digital inputs
are TTL, HCMOS and +5 V CMOS compatible, facilitating
easy microprocessor interfacing. All digital inputs incorporate
standard protection circuitry.
Figure 11. AD7845 Input Control Logic
D/A Section
Figure 12 shows a simplified circuit diagram for the AD7845
D/A section and output amplifier.
A segmented scheme is used whereby the 2 MSBs of the 12-bit
data word are decoded to drive the three switches A-C. The
remaining 10 bits drive the switches (S0–S9) in a standard R-2R
ladder configuration.
R
RR
2R
2R
2R
2R
2R
BA
S9
2R
C
VREF
S8
S0
SHOWN FOR ALL 1s ON DAC
2R
IOUT
AGND
Figure 12. Simplified Circuit Diagram for the AD7845 D/A
Section
Each of the switches A–C steers 1/4 of the total reference cur-
rent with the remaining 1/4 passing through the R-2R section.
An output amplifier and feedback resistor perform the current-
to-voltage conversion giving
VOUT = – D
× V
REF
where D is the fractional representation of the digital word. (D
can be set from 0 to 4095/4096.)
The amplifier can maintain
±10 V across a 2 kΩ load. It is inter-
nally compensated and settles to 0.01% FSR (1/2 LSB) in less
than 5
µs. The input offset voltage is laser trimmed at wafer
level. The amplifier slew rate is typically 11 V/
µs, and the unity
gain small signal bandwidth is 600 kHz. There are three extra
on-chip resistors (RA, RB, RC) connected to the amplifier invert-
ing terminal. These are useful in a number of applications in-
cluding offset adjustment and gain ranging.


Similar Part No. - AD7845SE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7845 AD-AD7845_15 Datasheet
196Kb / 12P
   LC MOS Complete 12-Bit Multiplying DAC
REV. B
More results

Similar Description - AD7845SE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7845 AD-AD7845_15 Datasheet
196Kb / 12P
   LC MOS Complete 12-Bit Multiplying DAC
REV. B
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568 AD-AD7568 Datasheet
241Kb / 12P
   LC2MOS Octal 12-Bit DAC
REV. B
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com