Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG308R Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PG308R
Description  GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PG308R Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PG308R Datasheet HTML 1Page - Pan Jit International Inc. PG308R Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
REV.0-MAR.17.2005
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Glass passivated junction
• Exceeds environmental standards of MIL-S-19500/228
• Fast switching for high efficiency.
• Pb free product are available : 99% Sn can meet Rohs environment
substance directive request
MECHANICALDATA
Case: Molded plastic, DO-201AD
Terminals: Axial leads, solderable to MIL-STD-202G,Method 208
Polarity: Color Band denotes cathode end
Mounting Position: Any
Weight: 0.04 ounce, 1.1 gram
PG300R~PG308R
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
NOTES: 1. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
50 to 800 Volts
3.0 Amperes
CURRENT
VOLTAGE
DATA SHEET
DO-201AD
Unit: inch(mm)
.052(1.3)
.210(5.3)
.048(1.2)
.188(4.8)
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SR
0
0
3
G
PR
1
0
3
G
PR
2
0
3
G
PR
4
0
3
G
PR
6
0
3
G
PR
8
0
3
G
PS
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V RRM
0
50
0
10
0
20
0
40
0
60
0
8V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
M
V RM S
5
30
70
4
10
8
20
2
40
6
5V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V DC
0
50
0
10
0
20
0
40
0
60
0
8V
)
m
m
5
.
9
(
"
5
7
3
.
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
T
t
a
h
t
g
n
e
l
d
a
e
l
A
5
5
=
O C
IAV
0
.
3A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
IFS M
5
2
1A
A
0
.
3
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V F
3
.
1V
T
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
A
5
2
=
O C
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
A
0
0
1
=
O C
IR
0
.
5
0
0
3
A
u
)
1
e
t
o
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
TRR
0
5
10
5
20
0
5s
n
)
2
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
J
l
a
c
i
p
y
T
C J
0
6F
p
)
3
e
t
o
N
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
R
θ A
J2
2
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ T
, STG
0
5
1
+
O
T
5
5
-
O C


Similar Part No. - PG308R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PG308R PANJIT-PG308R Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
logo
Shenzhen Taychipst Elec...
PG308R TAYCHIPST-PG308R Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Zibo Seno Electronic En...
PG308R ZSELEC-PG308R Datasheet
136Kb / 2P
   3.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results

Similar Description - PG308R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PG600R PANJIT-PG600R_05 Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
PG600R PANJIT-PG600R_09 Datasheet
67Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
logo
Leshan Radio Company
RGP10MA LRC-RGP10MA_15 Datasheet
176Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers
FR307PG LRC-FR307PG_15 Datasheet
207Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers
logo
Pan Jit International I...
PG200R PANJIT-PG200R_09 Datasheet
67Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
logo
Leshan Radio Company
RGP15MA LRC-RGP15MA_15 Datasheet
533Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers
logo
Pan Jit International I...
PG150R PANJIT-PG150R_09 Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
PG150R PANJIT-PG150R_04 Datasheet
57Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
logo
GOOD-ARK Electronics
RGP10A GOOD-ARK-RGP10A Datasheet
165Kb / 2P
   Glass Passivated Junction Fast Switching Rectifiers
logo
Pan Jit International I...
PG300R PANJIT-PG300R_09 Datasheet
71Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com