Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1323-27 Datasheet(PDF) 10 Page - ams AG

Part # AS1323-27
Description  1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1323-27 Datasheet(HTML) 10 Page - ams AG

Back Button AS1323-27 Datasheet HTML 5Page - ams AG AS1323-27 Datasheet HTML 6Page - ams AG AS1323-27 Datasheet HTML 7Page - ams AG AS1323-27 Datasheet HTML 8Page - ams AG AS1323-27 Datasheet HTML 9Page - ams AG AS1323-27 Datasheet HTML 10Page - ams AG AS1323-27 Datasheet HTML 11Page - ams AG AS1323-27 Datasheet HTML 12Page - ams AG AS1323-27 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.austriamicrosystems.com
Revision 1.02
10 - 13
AS1323
Data Sheet
10 Package Drawings and Markings
The device is available in an TSOT23-5 package.
Figure 13. TSOT23-5 Package
Notes:
1. Dimensioning and tolerancing conform to ASME Y14.5M - 1994.
2. Dimensions are in millimeters.
3. Dimension D does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, and gate burrs shall
not exceed 0.15mm per end. Dimension E1 does not include interlead flash or protrusion. Interlead flash or pro-
trusion shall not exceed 0.15mm per side. Dimensions D and E1 are determined at datum H.
4. The package top can be smaller than the package bottom. Dimensions D and E1 are determined at the outer-
most extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs, and interlead flash, but
include any mistmatches between the top of the package body and the bottom. D and E1 are determined at
datum H.
Symbol
Min
Typ
Max
Notes
Symbol
Min
Typ
Max
Notes
A
1.00
L
0.30
0.40
0.50
A1
0.01
0.05
0.10
L1
0.60REF
A2
0.84
0.87
0.90
L2
0.25BSC
b
0.30
0.45
N
5
b1
0.31
0.35
0.39
R
0.10
c
0.12
0.15
0.20
R1
0.10
0.25
c1
0.08
0.13
0.16
θ
D
2.90BSC
3,4
θ1
10º
12º
E
2.80BSC
3,4
Tolerances of Form and Position
E1
1.60BSC
3,4
aaa
0.15
e
0.95BSC
bbb
0.25
e1
1.90BSC
ccc
0.10
ddd
0.20


Similar Part No. - AS1323-27

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1323-27 AMSCO-AS1323-27 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
More results

Similar Description - AS1323-27

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323 AMSCO-AS1323_04 Datasheet
1Mb / 15P
   1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1310 AMSCO-AS1310_V01 Datasheet
399Kb / 30P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310_12 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
   Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
   2-Cell, 500mA, Step-Up DC/DC Converter
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
   2-Cell, 200mA, Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com