Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB1GLU211553329 Datasheet(PDF) 4 Page - Bookham, Inc.

Part # CB1GLU211553329
Description  PON Filter for FTTx 1310/1490/1550nm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

CB1GLU211553329 Datasheet(HTML) 4 Page - Bookham, Inc.

  CB1GLU211553329 Datasheet HTML 1Page - Bookham, Inc. CB1GLU211553329 Datasheet HTML 2Page - Bookham, Inc. CB1GLU211553329 Datasheet HTML 3Page - Bookham, Inc. CB1GLU211553329 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Data Sheet
4
Important Notice
Performance figures, data and any illustrative material
provided in this data sheet are typical and must be
specifically confirmed in writing by Bookham before
they become applicable to any particular order or
contract. In accordance with the Bookham policy of
continuous improvement specifications may change
without notice. The publication of information in this
data sheet does not imply freedom from patent or other
protective rights of Bookham or others. Further details
are available from any Bookham sales representative.
Contact Information
BH12928 Rev 1.0 March 2007
©Bookham 2005. Bookham is a registered trademark of Bookham Inc.
RoHS Compliance
Bookham is fully committed to environment
protection and sustainable development and has
set in place a comprehensive program for
removing polluting and hazardous substances from
all of its products. The relevant evidence of RoHS
compliance is held as part of our controlled
documentation for each of our compliant products.
RoHS compliance parts are available to order,
please refer to the ordering information section for
further details.
Ordering Information:
PON Filter numbering convention
C B 1 S L U 3 2 1 5 5 3 3 2 9 0 6 5 3
(3. 2 m m d ia)
H = INNE R HOU SI NG O NL Y
R = RUGGE D (S ee Sp ec)
Z = CUSTO M (S ee Sp ec)
G = ALL GLASS
CONNECTOR T YPE
LU = LC/UPC
FU = FC/UPC
FA = FC/APC
SU = SC /UPC
SA = SC/APC
MU = MU
…..
NA = NONE
CC = COM B O (S ee Sp ec)
FIBER TYPE
1 = 900 um Loose Tub e
2 = 2 m m J ack eted
3 = 250 um B are F iber
4 = 900 um Tight Bu ffer
9 = See Specificati on
FIBER LENGTH
1 = 1 Mete r Mi n.
2 = 2 Mete r Mi n.
3 = 3 Mete r Mi n.
4 = 1.5 M e ter M in.
5 = 2.5 M e ter M in.
6 = 1-1.5 M eter
7 = 0.9 -1. 0 M ete r
8 = Mu ltiple
9 = See Specification
CENTER W AVELENGTH
(n m )
1553329 = 1553.329
or
FREQUENCY
(TH z )
F193000 = 193.000
4 digit SPEC #
to be found
in the table
North America
Santa Rosa Office
3640 Westwind Boulevard
Santa Rosa
CA 95403
USA
• Tel: +1 707 636 1100
• Fax: +1 707 636 1199
www.bookham.com
sales@bookham.com
Europe
Paignton Office
Brixham Road
Paignton
Devon
TQ4 7BE
United Kingdom
• Tel: +44 (0) 1803 66 2000
• Fax: +44 (0) 1803 66 2801
Asia
Shenzhen Office
2 Phoenix Road
Futian Free Trade Zone
Shenzhen 518038
China
• Tel: +86 755 33305888
• Fax: +86 755 33305805
+86 755 33305807


Similar Part No. - CB1GLU211553329

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1GLU2115533290653 BOOKHAM-CB1GLU2115533290653 Datasheet
112Kb / 3P
   100GHz WDM Filter Components for OADM
More results

Similar Description - CB1GLU211553329

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MWDMGFTTXH011H OPLINK-MWDMGFTTXH011H Datasheet
281Kb / 2P
   FTTX 1310/1490/1550 WDM
MWDMGFTTX-S0034 OPLINK-MWDMGFTTX-S0034 Datasheet
152Kb / 2P
   Green FTTX 1310/1490/1550 WDM
logo
Bookham, Inc.
TFLPF15533296533 BOOKHAM-TFLPF15533296533 Datasheet
147Kb / 3P
   FTTx Filter Chips
logo
Source Photonics, Inc.
SFX-34-24T-HP-XDFH SOURCE-SFX-34-24T-HP-XDFH Datasheet
377Kb / 15P
   1310/1490 Integrated Diplexer Transceiver
logo
ANADIGICS, Inc
AMT121302 ANADIGICS-AMT121302 Datasheet
594Kb / 12P
   1.25Gb/s 1310/1550nm PIN-TIA
logo
Source Photonics, Inc.
ITR-D3T-SD9 SOURCE-ITR-D3T-SD9 Datasheet
577Kb / 11P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-2 SOURCE-ITR-D3T-SD6-2 Datasheet
364Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD5-2 SOURCE-ITR-D3T-SD5-2 Datasheet
1Mb / 11P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-A SOURCE-ITR-D3T-SD6-A Datasheet
346Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-4 SOURCE-ITR-D3T-SD6-4 Datasheet
327Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com