Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040D20IDBZTG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4040D20IDBZTG4
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4040D20IDBZTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4040D20IDBZTG4 Datasheet HTML 2Page - Texas Instruments LM4040D20IDBZTG4 Datasheet HTML 3Page - Texas Instruments LM4040D20IDBZTG4 Datasheet HTML 4Page - Texas Instruments LM4040D20IDBZTG4 Datasheet HTML 5Page - Texas Instruments LM4040D20IDBZTG4 Datasheet HTML 6Page - Texas Instruments LM4040D20IDBZTG4 Datasheet HTML 7Page - Texas Instruments LM4040D20IDBZTG4 Datasheet HTML 8Page - Texas Instruments LM4040D20IDBZTG4 Datasheet HTML 9Page - Texas Instruments LM4040D20IDBZTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
www.ti.com
LM4040
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS456J – JANUARY 2005 – REVISED SEPTEMBER 2006
ORDERING INFORMATION (continued)
DEVICE
ORDERABLE
TOP-SIDE
TA
VKA
PACKAGE(1)
GRADE
PART NUMBER
MARKING(2)
Reel of 3000
LM4040C20QDBZR
2.048 V
4MW_
Reel of 250
LM4040C20QDBZT
C grade:
Reel of 3000
LM4040C25QDBZR
0.5% initial
2.5 V
4MA_
accuracy
Reel of 250
LM4040C25QDBZT
and
SOT-23-3 (DBZ)
Reel of 3000
LM4040C30QDBZR
100 ppm/
°C
3 V
4NJ_
temperature
Reel of 250
LM4040C30QDBZT
coefficient
Reel of 3000
LM4040C50QDBZR
5 V
4NE_
Reel of 250
LM4040C50QDBZT
–40
°C to 125°C
Reel of 3000
LM4040D20QDBZR
2.048 V
4MY_
Reel of 250
LM4040D20QDBZT
D grade:
Reel of 3000
LM4040D25QDBZR
1.0% initial
2.5 V
4MB_
accuracy
Reel of 250
LM4040D25QDBZT
and
SOT-23-3 (DBZ)
Reel of 3000
LM4040D30QDBZR
150 ppm/
°C
3 V
4NK_
temperature
Reel of 250
LM4040D30QDBZT
coefficient
Reel of 3000
LM4040D50QDBZR
5 V
4NF_
Reel of 250
LM4040D50QDBZT
6
Submit Documentation Feedback


Similar Part No. - LM4040D20IDBZTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040D20IDBZTG4 TI-LM4040D20IDBZTG4 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040D20IDBZTG4 TI1-LM4040D20IDBZTG4 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040D20IDBZTG4 TI1-LM4040D20IDBZTG4 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4040D20IDBZTG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com