Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1528-BTDT Datasheet(PDF) 4 Page - ams AG

Part # AS1528-BTDT
Description  Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1528-BTDT Datasheet(HTML) 4 Page - ams AG

  AS1528-BTDT Datasheet HTML 1Page - ams AG AS1528-BTDT Datasheet HTML 2Page - ams AG AS1528-BTDT Datasheet HTML 3Page - ams AG AS1528-BTDT Datasheet HTML 4Page - ams AG AS1528-BTDT Datasheet HTML 5Page - ams AG AS1528-BTDT Datasheet HTML 6Page - ams AG AS1528-BTDT Datasheet HTML 7Page - ams AG AS1528-BTDT Datasheet HTML 8Page - ams AG AS1528-BTDT Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.austriamicrosystems.com
Revision 1.00
4 - 21
AS1528/AS1529
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Electrical Character-
istics on page 5 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VDD to GND
-0.3
+6
V
CNVST, SCLK, DOUT, REF, AIN1/
AIN+, AIN2/AIN- to GND
-0.3
VDD +
0.3
V
Current into Any Pin
50
mA
Continuous Power Dissipation
1491
mW
TAMB = +70ºC; derate 19.5mW/ºC above +70ºC
Operating Temperature Range
-40
+85
ºC
Storage Temperature Range
-60
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020C “Moisture/Reflow
Sensitivity Classification for Non-Hermetic Solid
State Surface Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).


Similar Part No. - AS1528-BTDT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1528-BTDT AMSCO-AS1528-BTDT Datasheet
621Kb / 21P
   Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
More results

Similar Description - AS1528-BTDT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1528 AMSCO-AS1528_1 Datasheet
621Kb / 21P
   Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
AS1524 AMSCO-AS1524 Datasheet
68Kb / 2P
   Micro-Power, 12-Bit, 150ksps, ADC, Single Ended or Differential
logo
Maxim Integrated Produc...
MAX1086 MAXIM-MAX1086_07 Datasheet
458Kb / 17P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Rev 1; 8/07
MAX1086 MAXIM-MAX1086 Datasheet
334Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-1686; Rev 0; 5/00
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
MAX1086 MAXIM-MAX1086_V01 Datasheet
267Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
   150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
logo
Texas Instruments
ADC141S628-Q1 TI1-ADC141S628-Q1 Datasheet
992Kb / 29P
[Old version datasheet]   14-Bit, 200-kSPS, Pseudo-Differential, Micro-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com